Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4666SDBD Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4666SDBD
Description  Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4666SDBD Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4666SDBD Datasheet HTML 5Page - Texas Instruments LM4666SDBD Datasheet HTML 6Page - Texas Instruments LM4666SDBD Datasheet HTML 7Page - Texas Instruments LM4666SDBD Datasheet HTML 8Page - Texas Instruments LM4666SDBD Datasheet HTML 9Page - Texas Instruments LM4666SDBD Datasheet HTML 10Page - Texas Instruments LM4666SDBD Datasheet HTML 11Page - Texas Instruments LM4666SDBD Datasheet HTML 12Page - Texas Instruments LM4666SDBD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM4666, LM4666SDBD
www.ti.com
SNAS189 – MAY 2004
Typical Performance Characteristics
(1) (continued)
Shutdown Threshold
Shutdown Threshold
VDD = 5V
VDD = 3V
Figure 21.
Figure 22.
Shutdown Threshold vs Supply Voltage
RL = 15µH + 8Ω + 15µH
Figure 23.
Supply Current vs Shutdown Voltage
Supply Current vs Supply Voltage
RL = 15µH + 8Ω + 15µH
RL = 15µH + 8Ω + 15µH
Figure 24.
Figure 25.
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4666 LM4666SDBD


Similar Part No. - LM4666SDBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4666SDBD TI-LM4666SDBD Datasheet
1Mb / 22P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching
More results

Similar Description - LM4666SDBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4666 TI-LM4666_15 Datasheet
1Mb / 22P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching
logo
Analog Devices
SSM2302 AD-SSM2302 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
REV. 0
SSM2302 AD-SSM2302_15 Datasheet
474Kb / 20P
   Filterless High Efficiency Class-D Stereo Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670 Datasheet
1Mb / 18P
   Filterless High Efficiency 3W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com