Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4809 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4809
Description  Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4809 Datasheet(HTML) 1 Page - Texas Instruments

  LM4809_14 Datasheet HTML 1Page - Texas Instruments LM4809_14 Datasheet HTML 2Page - Texas Instruments LM4809_14 Datasheet HTML 3Page - Texas Instruments LM4809_14 Datasheet HTML 4Page - Texas Instruments LM4809_14 Datasheet HTML 5Page - Texas Instruments LM4809_14 Datasheet HTML 6Page - Texas Instruments LM4809_14 Datasheet HTML 7Page - Texas Instruments LM4809_14 Datasheet HTML 8Page - Texas Instruments LM4809_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM4809, LM4809LQBD
www.ti.com
SNAS126E – MAY 2004 – REVISED MAY 2004
LM4809
Dual 105mW Headphone Amplifier with Active-
Low Shutdown Mode
Check for Samples: LM4809, LM4809LQBD
1
FEATURES
APPLICATIONS
2
Active-low shutdown mode
Headphone Amplifier
"Click and Pop" reduction circuitry
Personal Computers
Low shutdown current
Microphone Preamplifier
LLP, MSOP, and SO surface mount packaging
PDA's
No bootstrap capacitors required
Unity-gain stable
DESCRIPTION
The LM4809 is a dual audio power amplifier capable of delivering 105mW per channel of continuous average
power into a 16
Ω load with 0.1% (THD+N) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to provide high quality output power with a minimal
amount of external components. Since the LM4809 does not require bootstrap capacitors or snubber networks, it
is optimally suited for low-power portable systems.
The unity-gain stable LM4809 can be configured by external gain-setting resistors.
The LM4809 features an externally controlled, active-low, micropower consumption shutdown mode, as well as
an internal thermal shutdown protection mechanism.
Table 1. Key Specifications
VALUE
UNIT
THD+N at 1kHz at 105mW continuous average power into 16
0.1% (typ)
THD+N at 1kHz at 70mW continuous average power into 32
0.1% (typ)
Shutdown Current
0.4µA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4809_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
More results

Similar Description - LM4809_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Unisonic Technologies
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
   Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
   Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
[Old version datasheet]   Dual 105mW Headphone Amplifier
logo
Ceramate Technical
CO4808 CERAMATE-CO4808 Datasheet
148Kb / 4P
   Dual 105mW Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com