Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4802B Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4802B
Description  Audio Power Amplifier Series Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4802B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4802B Datasheet HTML 7Page - Texas Instruments LM4802B Datasheet HTML 8Page - Texas Instruments LM4802B Datasheet HTML 9Page - Texas Instruments LM4802B Datasheet HTML 10Page - Texas Instruments LM4802B Datasheet HTML 11Page - Texas Instruments LM4802B Datasheet HTML 12Page - Texas Instruments LM4802B Datasheet HTML 13Page - Texas Instruments LM4802B Datasheet HTML 14Page - Texas Instruments LM4802B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM4802B, LM4802BLQBD
www.ti.com
SNAS243C – MAY 2004 – REVISED MARCH 2005
For the LQA28A,
θJA = 59°C/W. TJMAX = 125°C for the LM4802B. Depending on the ambient temperature, TA, of
the system surroundings, Equation 5 can be used to find the maximum internal power dissipation supported by
the IC packaging. If the result of Equation 4 is greater than that of Equation 5, then either the supply voltage
must be increased, the load impedance increased or TA reduced. For the typical application of a 3V power
supply, with V1 set to 5.8V and a 2uF+30
Ω load, the maximum ambient temperature possible without violating
the maximum junction temperature is approximately 116°C provided that device operation is around the
maximum power dissipation point. Thus, for typical applications, power dissipation is not an issue. Power
dissipation is a function of output power and thus, if typical operation is not around the maximum power
dissipation point, the ambient temperature may be increased accordingly. Refer to the Typical Performance
Characteristics curves for power dissipation information for lower output levels.
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATIONS
The LM4802’s exposed-DAP (die attach paddle) package (LD) provides a low thermal resistance between the
die and the PCB to which the part is mounted and soldered. The low thermal resistance allows rapid heat
transfer from the die to the surrounding PCB copper traces, ground plane, and surrounding air. The LD package
should have its DAP soldered to a copper pad on the PCB. The DAP’s PCB copper pad may be connected to a
large plane of continuous unbroken copper. This plane forms a thermal mass, heat sink, and radiation area.
Further detailed and specific information concerning PCB layout, fabrication, and mounting an LD (LLP) package
is found in Texas Instruments' Package Engineering Group under application note AN1187.
SHUTDOWN FUNCTION
In many applications, a microcontroller or microprocessor output is used to control the shutdown circuitry to
provide a quick, smooth transition into shutdown. Another solution is to use a single-pole, single-throw switch,
and a pull-up resistor. One terminal of the switch is connected to GND. The other side is connected to the two
shutdown pins and the terminal of the pull-up resistor. The remaining resistance terminal is connected to VDD. If
the switch is open, then the external pull-up resistor connected to VDD will enable the LM4802. This scheme
guarantees that the shutdown pins will not float thus preventing unwanted state changes.
PROPER SELECTION OF EXTERNAL COMPONENTS
Proper selection of external components in applications using integrated power amplifiers, and switching DC-DC
converters, is critical for optimizing device and system performance. Consideration to component values must be
used to maximize overall system quality.
The best capacitors for use with the switching converter portion of the LM4802 are multi-layer ceramic
capacitors. They have the lowest ESR (equivalent series resistance) and highest resonance frequency, which
makes them optimum for high frequency switching converters.
When selecting a ceramic capacitor, only X5R and X7R dielectric types should be used. Other types such as
Z5U and Y5F have such severe loss of capacitance due to effects of temperature variation and applied voltage,
they may provide as little as 20% of rated capacitance in many typical applications. Always consult capacitor
manufacturer’s data curves before selecting a capacitor. High-quality ceramic capacitors can be obtained from
Taiyo-Yuden, AVX, and Murata.
POWER SUPPLY BYPASSING
As with any amplifier, proper supply bypassing is critical for low noise performance and high power supply
rejection. The capacitor location on both V1 and VDD pins should be as close to the device as possible.
SELECTING INPUT CAPACITOR FOR AUDIO AMPLIFIER
One of the major considerations is the closedloop bandwidth of the amplifier. To a large extent, the bandwidth is
dictated by the choice of external components shown in Figure 2. The input coupling capacitor, Ci, forms a first
order high pass filter which limits low frequency response. This value should be chosen based on needed
frequency response for a few distinct reasons.
High value input capacitors are both expensive and space hungry in portable designs. Clearly, a certain value
capacitor is needed to couple in low frequencies without severe attenuation. But ceramic speakers used in
portable systems, whether internal or external, have little ability to reproduce signals below 100Hz to 150Hz.
Thus, using a high value input capacitor may not increase actual system performance.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4802B LM4802BLQBD


Similar Part No. - LM4802B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802B NSC-LM4802B Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4802BLQ NSC-LM4802BLQ Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
More results

Similar Description - LM4802B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4802B NSC-LM4802B Datasheet
1Mb / 17P
   Audio Power Amplifier with Boost Converter to Drive Ceramic Speakers
LM4766 NSC-LM4766_06 Datasheet
983Kb / 19P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Fairchild Semiconductor
KSD1047 FAIRCHILD-KSD1047 Datasheet
52Kb / 5P
   Audio Power Amplifier DC to DC Converter
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4781 TI1-LM4781 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM48311 TI1-LM48311 Datasheet
885Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series
LM48901 TI-LM48901 Datasheet
821Kb / 51P
[Old version datasheet]   Audio Power Amplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com