Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4953SDBD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4953SDBD
Description  Power Amplifier Series Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4953SDBD Datasheet(HTML) 3 Page - Texas Instruments

  LM4953SDBD Datasheet HTML 1Page - Texas Instruments LM4953SDBD Datasheet HTML 2Page - Texas Instruments LM4953SDBD Datasheet HTML 3Page - Texas Instruments LM4953SDBD Datasheet HTML 4Page - Texas Instruments LM4953SDBD Datasheet HTML 5Page - Texas Instruments LM4953SDBD Datasheet HTML 6Page - Texas Instruments LM4953SDBD Datasheet HTML 7Page - Texas Instruments LM4953SDBD Datasheet HTML 8Page - Texas Instruments LM4953SDBD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM4953, LM4953SDBD
www.ti.com
SNAS299E – SEPTEMBER 2005 – REVISED FEBRUARY 2006
PIN DESCRIPTIONS
Pin
Name
Function
1
SD
Active Low Shutdown
2
CPVDD
Charge Pump Power Supply
3
CCP+
Positive Terminal - Charge Pump Flying
Capacitor
4
PGND
Power Ground
5
CCP-
Negative Terminal - Charge Pump Flying
Capacitor
6
VCP_OUT
Charge Pump Output
7
NC
No Connect
8
AVSS
Negative Power Supply - Amplifier
9
OUT B
Output B
10
AVDD
Positive Power Supply - Amplifier
11
OUT A
Output A
12
NC
No Connect
13
VIN
Signal Input
14
SGND
Signal Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VDD)
4.5V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to VDD + 0.3V
Power Dissipation(4)
Internally Limited
ESD Susceptibility(5)(6)
2000V
ESD Susceptibility(7)(6)
200V
Junction Temperature
150°C
Thermal Resistance
See AN-1187(SNOA401) 'Leadless Leadframe Packaging (LLP).'
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions that ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX – TA)/θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4xxx typical application (shown in Figure 1) with VDD = yyV, RL = 2μF+30Ω mono BTL operation the total
power dissipation is xxxW.
θJA = 40°C/W.
(5)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(6)
If the product is in shutdown mode and VDD exceeds 3.6V (to a max of 4V VDD), then most of the excess current will flow through the
ESD protection circuits. If the source impedance limits the current to a max of 10mA, then the part will be protected. If the part is
enabled when VDD is above 4V, circuit performance will be curtailed or the part may be permanently damaged.
(7)
Machine Model, 220pF-240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 85°C
Supply Voltage (VDD)
1.6V
≤ VDD ≤ 4.2V
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4953 LM4953SDBD


Similar Part No. - LM4953SDBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4953SD NSC-LM4953SD Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
More results

Similar Description - LM4953SDBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4953 NSC-LM4953 Datasheet
663Kb / 11P
   Ground-Referenced, Ultra Low Noise, Ceramic Speaker Driver
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860 TI1-LM48860_14 Datasheet
1,014Kb / 24P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com