Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4961 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4961
Description  Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4961_14 Datasheet HTML 3Page - Texas Instruments LM4961_14 Datasheet HTML 4Page - Texas Instruments LM4961_14 Datasheet HTML 5Page - Texas Instruments LM4961_14 Datasheet HTML 6Page - Texas Instruments LM4961_14 Datasheet HTML 7Page - Texas Instruments LM4961_14 Datasheet HTML 8Page - Texas Instruments LM4961_14 Datasheet HTML 9Page - Texas Instruments LM4961_14 Datasheet HTML 10Page - Texas Instruments LM4961_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
VIN (V)
0
50
100
150
200
250
300
350
92.1
92.2
92.3
92.4
92.5
92.6
92.7
92.8
92.9
93
TEMPERATURE (
oC)
VIN = 5V
VIN = 3.3V
-50
-25
0
25
50
75
100 125 150
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Vin = 5V
Vin = 3.3V
1.222
1.223
1.224
1.225
1.226
1.227
1.228
1.229
1.23
1.231
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
TEMPERATURE (
oC)
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
-50
-25
0
25
50
75
100 125 150
LM4961, LM4961LQBD
www.ti.com
SNAS242J – AUGUST 2004 – REVISED MARCH 2007
Typical Performance Characteristics (continued)
Feedback Voltage vs Temperature
Feedback Bias Current vs Temperature
Figure 15.
Figure 16.
Max. Duty Cycle vs Temperature - ”X”
RDS (ON) vs Temperature
Figure 17.
Figure 18.
RDS (ON) vs VDD
Figure 19.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4961 LM4961LQBD


Similar Part No. - LM4961_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Similar Description - LM4961_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com