Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4961 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4961
Description  Ceramic Speaker Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4961 Datasheet(HTML) 5 Page - Texas Instruments

  LM4961 Datasheet HTML 1Page - Texas Instruments LM4961 Datasheet HTML 2Page - Texas Instruments LM4961 Datasheet HTML 3Page - Texas Instruments LM4961 Datasheet HTML 4Page - Texas Instruments LM4961 Datasheet HTML 5Page - Texas Instruments LM4961 Datasheet HTML 6Page - Texas Instruments LM4961 Datasheet HTML 7Page - Texas Instruments LM4961 Datasheet HTML 8Page - Texas Instruments LM4961 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
1k
10k
FREQUENCY (Hz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
100
2k
200
5k
500
1k
10k
FREQUENCY (Hz)
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
100
2k
200
5k
500
0
10
15
25
OUTPUT VOLTAGE (Vp-p)
0.01
0.1
10
1
5
20
100 Hz
1 kHz
10 kHz
0
10
15
25
OUTPUT VOLTAGE (Vp-p)
0.01
0.1
10
1
5
20
100 Hz
10 kHz
1 kHz
100
1k
10k
FREQUENCY (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
200
2k
500
5k
100
500
2k
10k
FREQUENCY (Hz)
0.01
0.1
1
10
LM4961, LM4961LQBD
www.ti.com
SNAS242J – AUGUST 2004 – REVISED MARCH 2007
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 4.2V, VO = 14VP-P, RL = 2μF+30Ω
VDD = 3.2V, VO = 14VP-P, RL = 2μF+30Ω
Figure 3.
Figure 4.
THD+N vs Output Voltage
THD+N vs Output Voltage
VDD = 4.2V, RL = 2μF + 30Ω
VDD = 3.2V, RL = 2μF + 30Ω
Figure 5.
Figure 6.
PSRR vs Frequency
PSRR vs Frequency
VDD = 4.2V, RL = 8Ω, VRIPPLE = 200mVP-P
VDD = 3.2V, RL = 8Ω, VRIPPLE = 20mVP-P
Figure 7.
Figure 8.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4961 LM4961LQBD


Similar Part No. - LM4961

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4961LQ NSC-LM4961LQ Datasheet
509Kb / 16P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961LQ/NOPB TI1-LM4961LQ/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM4961LQBD TI1-LM4961LQBD Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
More results

Similar Description - LM4961

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4962 TI1-LM4962_14 Datasheet
926Kb / 23P
[Old version datasheet]   Ceramic Speaker Driver
logo
National Semiconductor ...
LM4962 NSC-LM4962 Datasheet
1Mb / 22P
   Ceramic Speaker Driver
LM4961 NSC-LM4961 Datasheet
509Kb / 16P
   Ceramic Speaker Driver
LM48555 NSC-LM48555 Datasheet
332Kb / 14P
   Ceramic Speaker Driver
logo
Texas Instruments
LM4961 TI1-LM4961 Datasheet
1Mb / 24P
[Old version datasheet]   Ceramic Speaker Driver
LM48556 TI1-LM48556_14 Datasheet
1Mb / 23P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
LM48556 TI1-LM48556 Datasheet
1Mb / 22P
[Old version datasheet]   Fully Differential, Mono, Ceramic Speaker Driver
logo
National Semiconductor ...
LM48556 NSC-LM48556 Datasheet
1Mb / 20P
   Fully Differential, Mono, Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX9788 MAXIM-MAX9788_07 Datasheet
299Kb / 16P
   14VP-P,Class G Ceramic Speaker Driver
Rev 1; 11/07
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com