Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4985 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4985
Description  LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4985 Datasheet(HTML) 3 Page - Texas Instruments

  LM4985_14 Datasheet HTML 1Page - Texas Instruments LM4985_14 Datasheet HTML 2Page - Texas Instruments LM4985_14 Datasheet HTML 3Page - Texas Instruments LM4985_14 Datasheet HTML 4Page - Texas Instruments LM4985_14 Datasheet HTML 5Page - Texas Instruments LM4985_14 Datasheet HTML 6Page - Texas Instruments LM4985_14 Datasheet HTML 7Page - Texas Instruments LM4985_14 Datasheet HTML 8Page - Texas Instruments LM4985_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
D
C
B
A
Controlled
Analog Volume
Control
Interface
Output
Transient
Suppression
and
Mode-
Control Logic
Bias
Generator
-
+
-
+
-
+
Volume
Control
Volume
Control
IN1
BYPASS
IN2
GND
0.47 PF
0.47 PF
CNTGND
OUT2
OUT1
VDD
I
2
C Digitally
Mux
Mux
Digital
Control
System
LM4985, LM4985TMEVAL
www.ti.com
SNAS346B – MAY 2006 – REVISED MAY 2006
Figure 3. Typical OCL Output Configuration Circuit
Connection Diagram
Figure 4. DSBGA Package
Top View
See NS Package Number YFQ0012
PIN REFERENCE, NAME, AND FUNCTION
Reference
Name
Function
A1
ADR
I2C serial interface address input.
A2
IN2
Analog signal input two.
A3
OUT2
Power amplifier two output.
B1
SDA
I2C serial interface data input.
B2
BYPASS
The internal VDD/2 ac bypass node.
B3
CNTGND
In OCL mode, this is the ac ground return. It is biased to VDD/2. Leave unconnected for C-
CUPL mode.
C1
SCL
I2C serial interface clock input.
C2
GND
The LM4985’s power supply ground input.
C3
VDD
The LM4985’s power supply voltage input.
D1
I2CVDD
I2C serial interface power supply input. Can be connected to the same supply that is
connected to the VDD pin.
D2
IN1
Analog signal input one.
D3
OUT1
Power amplifier one output.
Copyright © 2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4985 LM4985TMEVAL


Similar Part No. - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985TM NSC-LM4985TM Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
More results

Similar Description - LM4985_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI-LM4911_15 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com