Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M22-XD-S-GB18 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M22-XD-S-GB18
Description  Pushbuttons and Indicating Lights
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-XD-S-GB18 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M22-XD-S-GB18 Datasheet HTML 1Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 2Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 4Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 5Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 6Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 7Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 8Page - List of Unclassifed Manufacturers M22-XD-S-GB18 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
4
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Description
Eaton’s M22 industrial heavy-duty pushbutton line offers a
wide array of functional, attractive and ergonomically designed
illuminated and non-illuminated pushbuttons, selector switches,
push-pulls, alternate action and twist-to-release operators. The
complete illuminated line is only offered in LED light units to
ensure high-quality brightness and up to 100,000 hours of LED
illumination. M22 operators are available with either a silver or a
black colored bezel. The space-saving modular construction of
the M22 line makes on-the-job assembly fast and simplifies the
stocking of both components and complete devices.
Highly Modular and
Versatile Line
Field convertible functions
(pushbuttons and selector
switches), maintained to
momentary
Customizable laser
engraving capabilities
LED Indicators
100,000 hours of life
in high-vibration
environments
Lenses specifically
designed for LED
illumination
Rugged Design
Most pushbutton
operators and contact
blocks exceed 5 million
mechanical operations
All components have IP66
rating, and some carry IP67
and IP69K for washdown
environment; see Page 67
for further technical data
Innovative Technologies
ASi communicating
devices
Palm switches
M22 Pushbuttons
Features
Field convertible
pushbuttons and
mushroom operators from
maintained to momentary
status
Field convertible selector
switches from momentary
to maintained operation
and vice versa
LED offering only for all
illuminated operators
Laser engraved
pushbuttons, lenses and
enclosures
Heavy-duty construction
with a minimum of IP66
and UL NEMA® type 4X /
13 on front of panel
operators. Many operators
even carry IP67 and IP69K,
for the toughest
applications
Silver or black colored
nylon bezels
Snap-lock contact blocks
and light units for front or
base mounting
Notched hole mounting
with anti-rotation tab and
central nut mounting on
each operator
Over 5 million mechanical
operations and 1.6 million
electrical (reference
specification sheet)
Direct opening action
normally closed contacts
Unique and innovative
offerings, such as four-way
pushbuttons and USB/
RJ45 bulkhead interfaces
Screw or spring-cage
terminals
Benefits
Modular construction
makes assembly fast and
simplifies stocking of
components and complete
devices
Field convertibility of
operator status for
pushbuttons and selector
switches helps distributors
and customers reduce
inventory and increase
functionality
LED offering only for
improved brightness
quality and up to 100,000
hours of operation
Plastic construction is
corrosion resistant.
Operators are designed
for rugged environments,
ideal for washdown
applications (reference
each operator’s IP ratings
and IEC/EN 60529 for ingress
protection definition)
Anti-rotation tab saves
installation time and
prevents operator rotation
High mechanical and
electrical life allows for use
in tough and challenging
applications
Laser inscription
capabilities allow for high-
quality, wear-resistant
markings
All normally closed (NC)
contacts are Direct
Opening Action, i.e., NC
contacts are physically
forced open by direct
linkage with the
pushbutton operator
in the unlikely event of
contact weld
Some M22 operators are
capable of communication
via ASi protocol
M22 offers USB and RJ45
connections


Similar Part No. - M22-XD-S-GB18

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
M22-XBK1 EATON-M22-XBK1 Datasheet
52Kb / 2P
   Eaton M22 modular pushbutton legend plate, Complete, 22.5 mm, Button: Yellow, Inscription: EMERGENCY-STOP four-language, IP66, NEMA 4X, 13..
More results

Similar Description - M22-XD-S-GB18

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M22-R10K ETC2-M22-R10K Datasheet
5Mb / 89P
   Pushbuttons and Indicating Lights
M22S-WLKV-W ETC2-M22S-WLKV-W Datasheet
178Kb / 4P
   Pushbuttons and Indicating Lights
logo
Siemens Semiconductor G...
3SB3 SIEMENS-3SB3 Datasheet
8Mb / 80P
   3SB3 Pushbuttons and Indicator Lights, 22 mm
10 - 2012
logo
OSRAM GmbH
LTQ39G-Q1OO-25-1 OSRAM-LTQ39G-Q1OO-25-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
LRQ396-P1Q2-1 OSRAM-LRQ396-P1Q2-1 Datasheet
1Mb / 20P
   Pushbuttons and Switches
logo
Molex Electronics Ltd.
130127-0001 MOLEX2-130127-0001 Datasheet
46Kb / 1P
   Super-Safeway짰 3-Wire Circuit Tester, 3 Indicating Lights
1301270003 MOLEX11-1301270003 Datasheet
39Kb / 1P
   Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
130127-0003 MOLEX11-130127-0003 Datasheet
39Kb / 1P
   Super-Safeway Three Wire & GFCI Circuit Tester, 3 Indicating Lights
130127-0003 MOLEX2-130127-0003 Datasheet
39Kb / 1P
   Super-Safeway짰 3-Wire & GFCI Circuit Tester, 3 Indicating Lights
1301270005 MOLEX11-1301270005 Datasheet
38Kb / 1P
   Super-Safeway Three Wire Circuit Tester, 3 Indicating Lights & Ground Continuity Tester
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com