Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5030MTTXGEVB Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5030MTTXGEVB
Description  Buck-Boost Converter to Drive a Single LED from 1 Li-Ion or 3 Alkaline Batteries
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5030MTTXGEVB Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5030MTTXGEVB Datasheet HTML 5Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 6Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 7Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 8Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 9Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 10Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 11Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 12Page - ON Semiconductor NCP5030MTTXGEVB Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP5030
http://onsemi.com
9
Operation
The NCP5030 DC−DC converter is based on a Current
Mode PWM architecture specifically designed to
efficiently provide a regulated current to a high current
white LED. This device utilizes fixed frequency
synchronous buck−boost switching regulator architecture.
This topology is critical in single cell Lithium−Ion/
Polymer battery or 3 Alkaline powered applications as the
forward voltage of the LED may be greater than or less than
the battery voltage. A low feedback voltage of 200 mV
(nom) minimizes power losses in the current setting
resistor connected between the cathode of the LED and
ground.
The core switching regulator is configured as a full
bridge with four low RDSON (0.1 W) MOSFET switches to
maximize efficient power delivery. Another advantage of
this topology is that it supports a true−shut down mode
where the LED will be disconnected from the power supply
when the device is placed in disable mode.
Figure 16 shows how the four switches are connected to
charge and discharge the current from PVIN to VOUT
through the inductor.
L
LX1
N1
LX2
N2
P1
P2
Figure 16. Basic Power Switches Topology
VOUT
IOUT
VIN IIN
COUT
The converter operates in three different modes as a
function of VOUT − VIN (Figure 17): In Buck mode when
VOUT is below VIN – 650 mV (TBUCK nominal), in Boost
mode when VOUT is above VIN + 375 mV (TBOOST
nominal) and in Buck−Boost mode when VOUT is between
this tow thresholds.
Buck
2− Phase
Buck−Boost
Boost
2− Phase
3− Phase
Figure 17. Conversion Mode
VOUT
VIN
TBUCK
TBOOST
The internal oscillator provides a 700 kHz clock signal
to trigger the PWM controller on each rising edge (SET
signal) which starts a cycle. In pure buck or boost mode, the
converter operates in two−phase mode, the first one to
charge the inductor, followed by a synchronous rectifier
discharge phase. However, in buck−boost mode, to get high
efficiency the converter controls the switches in three
separate phases (see Buck−Boost Mode Section). The
capacitor COUT is used to store energy from the inductor to
smooth output voltage thus constantly powering the load.
Buck Mode (VOUT < VIN – 650 mV)
In Buck mode, switches P1 and N1 are toggling and the
two others are fixed, the switch N2 is all time OFF and the
switch P2 is all time ON. The buck converter operates in
two separate phase (See Figure 18). The first one is TON
when IIN = IOUT. During this phase the switch P1 is ON, N1
is OFF and the current increases through the inductor. The
switch current is measured by the SENSE CURRENT and
added to the RAMP COMP signal. Then PWM COMP
compares the output of the adder and the signal from
ERROR AMP. When the comparator threshold is
exceeded, TON phase is followed by TOFF. P1 switch is
turned OFF and N1 is ON until next clock rising edge. The
current is only delivered by the inductor, which means that
IIN =0
LX1
LX2
Start
Cycle
1.43 mS
Figure 18. Basic DC−DC Buck Operation
LX2 = VOUT
TON
TOFF
Ivalley
Ipeak
IOUT
IL
Boost Mode (VOUT > VIN + 375 mV)
The switches in boost mode are inversely controlled than
in buck mode. Switches P2 and N2 are toggling and the two
others are fixed. Switch P1 is all time ON and the switch N1
is all time OFF. The boost converter operates in two
separate phases (See Figure 19). The first one is TON when


Similar Part No. - NCP5030MTTXGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5030MTTXG ONSEMI-NCP5030MTTXG Datasheet
128Kb / 14P
   Buck?묪oost Converter to Drive a Single LED from Li?묲on or 3 Alkaline Batteries
December, 2006 ??Rev. 0
More results

Similar Description - NCP5030MTTXGEVB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5030 ONSEMI-NCP5030 Datasheet
128Kb / 14P
   Buck?묪oost Converter to Drive a Single LED from Li?묲on or 3 Alkaline Batteries
December, 2006 ??Rev. 0
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
   uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. C, 26-Oct-09
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
   UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
Rev. B, 22-May-06
logo
Texas Instruments
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Dubilier
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
   BATTERIES ALKALINE
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com