Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM11000 Datasheet(PDF) 1 Page - LOGIC Devices Incorporated

Part # OM11000
Description  ZOOM??SDK Development Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

OM11000 Datasheet(HTML) 1 Page - LOGIC Devices Incorporated

  OM11000 Datasheet HTML 1Page - LOGIC Devices Incorporated OM11000 Datasheet HTML 2Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOOMSDK :: HIGHLIGHTS:
+ 
Low-cost development kit
+ 
Includes product-ready Card Engine
+ 
Compact size
+ 
Ready to run Board Support 
Packages (BSPs)
CARD ENGINE :: BENEFITS:
+ 
Long product lifecycle
+ 
Scalability
+ 
Compact Card Engine form factor
+ 
See specific SOM product brief for 
more information
Application development is performed right on 
the product-ready Card Engine and software 
Board Support Packages (BSPs) included in the 
kit, which enables you to seamlessly transfer your 
application code and hardware into production.
The Card Engine is ideal for applications in the 
medical, point-of-sale, industrial, and security 
markets. From patient monitoring and medical 
imaging, to card payment terminals and bar code 
readers, to CCTV cameras and intruder alarms, 
the Card Engine allows for powerful versatility and 
long-life products.
The Zoom SDK includes the Card Engine, 
application baseboard, and accessories required 
to immediately begin development work. 
PRODUCT BRIEF: 
Logic :: Development Kit
ZOOM SDK Development Kit
By providing a product-ready hardware and software platform,
Logic’s embedded solutions fast forward development and
help you stay focused on your high-value core technologies.
The ZoomStarter Development Kit (SDK) is a low-cost, high-
performance application development kit for evaluating the
functionality of the System on Module (SOM) Card Engine and
associated processor.
ZOOM SDK WITH CARD ENGINE INCLUDED


Similar Part No. - OM11000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM11042 NXP-OM11042 Datasheet
149Kb / 3P
   NXP - OM11043 - MCU - Prototyping Board
OM11043 NXP-OM11043 Datasheet
149Kb / 3P
   NXP - OM11043 - MCU - Prototyping Board
OM11051 NXP-OM11051 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
OM11057 NXP-OM11057 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
OM11057 PHILIPS-OM11057 Datasheet
141Kb / 2P
   Fast, easy evaluation of capacitive sensors
February 2011
More results

Similar Description - OM11000

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SDK135 FREESCALE-SDK135 Datasheet
592Kb / 52P
   Embedded SDK (Software Development Kit)
logo
STMicroelectronics
UM0156 STMICROELECTRONICS-UM0156 Datasheet
783Kb / 35P
   SDK-ST10F269 Quick Start Software Development Kit
logo
Zilog, Inc.
Z8F081A ZILOG-Z8F081A Datasheet
155Kb / 2P
   Development Kit
logo
NXP Semiconductors
56800SDK NXP-56800SDK Datasheet
233Kb / 4P
   Smart Development Tools Embedded SDK for 56800
Rev 3.0
logo
Murata Manufacturing Co...
DR8000-DK MURATA-DR8000-DK Datasheet
43Kb / 1P
   916.5MHz Development kit
logo
Silicon Laboratories
CP2501-DK SILABS-CP2501-DK Datasheet
252Kb / 14P
   CP250X DEVELOPMENT KIT
logo
STMicroelectronics
STEVAL-STLKT01V1 STMICROELECTRONICS-STEVAL-STLKT01V1 Datasheet
350Kb / 7P
   SensorTile development kit
Rev 8 - March 2019
logo
Advantech Co., Ltd.
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
   Qseven Development Kit
6-Jun-2018
logo
List of Unclassifed Man...
C8051F36X ETC2-C8051F36X Datasheet
438Kb / 13P
   C8051F36x DEVELOPMENT KIT
logo
STMicroelectronics
UM1657 STMICROELECTRONICS-UM1657 Datasheet
1Mb / 48P
   SPIRIT1 development kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com