Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB355 Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB355
Description  Slotted Optical Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB355 Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB355 Datasheet HTML 1Page - OPTEK Technologies OPB355 Datasheet HTML 2Page - OPTEK Technologies OPB355 Datasheet HTML 3Page - OPTEK Technologies OPB355 Datasheet HTML 4Page - OPTEK Technologies OPB355 Datasheet HTML 5Page - OPTEK Technologies OPB355 Datasheet HTML 6Page - OPTEK Technologies OPB355 Datasheet HTML 7Page - OPTEK Technologies OPB355 Datasheet HTML 8Page - OPTEK Technologies OPB355 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 5 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature
(1) (2)
OPB355, OPB360, OPB370, OPB859, OPB860, OPB870 Series
OPB380, OPB390, OPB880, OPB890 Series
-40°C to +100°C
-40°C to +85°C
Operating Temperature
(1) (2)
-40°C to +85°C
Lead Soldering Temperature
(7)
260°C
Input LED
Forward DC Current
OPB355, OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890
50 mA
Peak Forward Current (1µs pulse width, 300 pps)
1 A
Reverse DC Voltage
2 V
Power Dissipation
(2)
75 mW
Output Phototransistor/Diode
Cathode-Anode Reverse Voltage -OPB355
60 V
Emitter-Collector Voltage
5 V
Collector DC Current
30 mA
Power Dissipation
(1)
100 mW
Collector-Emitter Voltage
OPB360, OPB370, OPB380, OPB390, OPB859, OPB860, OPB870, OPB880, OPB890 Series
30 V
Notes:
(1)
For wire series (OPB380, OPB390, OPB880 and OPB890), maximum storage and operating temperature is limited by the
temperature rating of the lead wires.
(2)
Derate linearly 1.67 mW/°C above 25°C.
(3)
For OPB355, OPB360 and OPB370, polarity is denoted by color of housing top: LED (clear); sensor (black).
(4)
Cleaning agents methanol and isopropanol are recommended. Spray or wipe; do not submerge.
(5)
OPB380 and OPB390 wire terminations have 24” of 7-strand 26 AWG UL approved insulated wire on each terminal. These
devices incorporate a wire strain relief at the housing surface. The insulation colors and functions are: IRED anode (red); IRED
cathode (black); phototransistor collector (white); phototransistor emitter (green).
(6)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(7)
All parameters were tested using pulse technique.


Similar Part No. - OPB355

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
logo
TT Electronics.
OPB355 TTELEC-OPB355 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB355 OPTEK-OPB355 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB355 ETC-OPB355 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB355 ETC-OPB355 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB355

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com