Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOX922D Datasheet(PDF) 1 Page - Fox Electronics

Part # FOX922D
Description  2.5V ~ 3.3V SMD TCXO/VCTCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOX922D Datasheet(HTML) 1 Page - Fox Electronics

  FOX922D Datasheet HTML 1Page - Fox Electronics FOX922D Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2010 FOX ELECTRONICS | ISO9001:2000 Certified
1
4
2
TP
3
TP
Top View
Dot denotes
pin 1.
Top
View
Bottom
View
Recom m ended
Solder Pad Layout
All dimensions are in millimeters.
#4
#3
#2
#1
2.2 M ax
1.55
2.3
0.6
1.2
0.75
1.8
1.0 M ax
2.7 M ax
1.45
0.65
2.80
2.30
TP
TP
4
3
2
1
2.5V ~ 3.3V SMD TCXO/VCTCXO
Rev. 1/25/2011
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FOX922 Series
Page 1 of 2
FEATURES
• Supply Voltages of 2.5V ~ 3.3V
• 1.0mm Height Max
• Clipped Sine Output
3.3V±5%
3.3V±5%
3.0V±5%
3.0V±5%
2.8V±5%
2.8V±5%
2.7V±5%
2.7V±5%
2.5V±5%
2.5V±5%
TCXO
VCTCXO
TCXO
VCTCXO
TCXO
VCTCXO
TCXO
VCTCXO
TCXO
VCTCXO
FOX922C
FOX922CE
FOX922B
FOX922BE
FOX922D
FOX922DE
FOX922F
FOX922FE
FOX922G
FOX922GE
Model Number
Part Number
839C-Frequency-xxxxx
840C-Frequency-xxxxx
839B-Frequency-xxxxx
840B-Frequency-xxxxx
839D-Frequency-xxxxx
840D-Frequency-xxxxx
839F-Frequency-xxxxx
840F-Frequency-xxxxx
839G-Frequency-xxxxx
840G-Frequency-xxxxx
• PART NUMBER SELECTION Learn More - Internet Required
10.000 ~ 40.000 MHz
-30ºC ~ +85ºC
-40ºC ~ +85ºC
2.5V ~ 3.3V
2.0mA
±2.0PPM
±2.0PPM
±0.2PPM
±0.2PPM
0.8V Min.
(10K
Ω //10pF) ±10%
±5.0 ~ ±15.0 PPM
±1.0PPM
-145 dBc/Hz Typ.
260ºC / 10 Seconds
1
Au
PARAMETERS
Frequency Range
(Fo)
Temperature Range
Operating
(Topr)
Storage
(Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Initial Frequency Tolerance @ 25ºC (after 2 reflows)
(VCTCXO: Vc = 50%Vdd
)1
Frequency Stability
Over Temperature Range
Over Supply Voltage Change (Vdd±5%)
Over Load Change (10K
Ω //10pF) ±10%
Output Waveform (Clipped Sine)
Peak-to-Peak Level (Vp-p)
Output Load
Pullability (VCTCXO)
Vc = 50% Vdd±1.0V
Aging per year
Phase Noise (16.369 MHz, @ 10kHz offset)
Reflow Soldering Temp
Moisture Sensitivity Level (MSL)
Termination Finish
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
Supply Voltage(Vdd) TCXO/VCTCXO
Pin Connections
TCXO
#1 GND
#3 Output
#2 GND
#4 Vdd
VCTCXO
#1 Vc
#3 Output
#2 GND
#4Vdd
1For proper operation, a control Voltage (Vc) must be applied to pin 1 on VCTCXO's.
*Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, reference pin shape, etc. may
very. All specifications subject to change without notice.


Similar Part No. - FOX922D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX922D FOX-FOX922D Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922D-GP FOX-FOX922D-GP Datasheet
482Kb / 2P
   1.8V ~ 3.3V SMD TCXO for GPS Applications
FOX922DE FOX-FOX922DE Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX922DE-GP FOX-FOX922DE-GP Datasheet
482Kb / 2P
   1.8V ~ 3.3V SMD TCXO for GPS Applications
More results

Similar Description - FOX922D

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
840C-12-1 FOX-840C-12-1 Datasheet
141Kb / 2P
   2.5V ~ 3.3V SMD TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
   1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX924 FOX-FOX924 Datasheet
95Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12288 FOX-FOX924B-12288 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX924B-12.288 FOX-FOX924B-12.288 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX331 FOX-FOX331 Datasheet
238Kb / 2P
   3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX923CH FOX-FOX923CH Datasheet
156Kb / 1P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
FOX331AR FOX-FOX331AR Datasheet
359Kb / 2P
   3.3V SMD Stratum III HCMOS TCXO/VCTCXO
FOX924B-20 FOX-FOX924B-20 Datasheet
120Kb / 3P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com