Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q202013PCIQRR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # Q202013PCIQRR
Description  Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q202013PCIQRR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  Q202013PCIQRR Datasheet HTML 1Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 2Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 3Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 4Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 5Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 6Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 7Page - List of Unclassifed Manufacturers Q202013PCIQRR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2009 Hoffman Enclosures Inc.
Non-Metallic: Polycarbonate and ABS
QLINE® I
Spec-00411 E
Hinge Kit
Hinge Kit includes two polyamide
hinges, eight M4 self-tapping plated
screws, eight flat washers and
drilling template. Use on all QLINE
® I
enclosures.
Hinge Kit meets Type 4 requirements.
Three hinges required for 600-mm
sides.
Bulletin: Q41Y
Catalog Number
QIHK
Mounting Bracket Kit
Mounting Bracket Kit has four
polycarbonate brackets and four
M3 self-tapping, plated screws. Kit is
field-installable. Use on all QLINE
® I
Enclosures. Maintains listed ratings
for enclosure.
Bulletin: Q41Y
Catalog Number
QIMFK
Hardware Kit
Hardware Kit includes four
polyamide cover screws and four self-
tapping, plated panel screws. This
kit is offered as a replacement kit for
lost or damaged hardware originally
furnished with the enclosure.
Bulletin: Q41Y
Catalog Number
Description
QIHK424
42-mm screws
Extension Rings
Extension rings can be added to
QLINE
® I enclosures to provide
additional 50-mm to enclosure
depth. Extension rings are
polycarbonate and cannot be used
with quick-release latches.
Bulletin: Q41Y
Catalog Number
Q2020EXTI
Q3020EXTI
Q3030EXTI
Q4020EXTI
Q4030EXTI
Q6030EXTI
Q6040EXTI
Panels
Bulletin: Q41Y
Catalog Number
Panel Size
D x E (mm)
Panel Size
D x E (in.)
Q2020PI
160 x 160
6.30 x 6.30
Q3020PI
260 x 160
10.24 x 6.30
Q3030PI
260 x 260
10.24 x 10.24
Q4020PI
360 x 160
14.17 x 6.30
Q4030PI
360 x 260
14.17 x 10.24
Q6030PI
560 x 360
22.05 x 10.24
Q6040PI
260 x 260
22.05 x 14.17


Similar Part No. - Q202013PCIQRR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q202013PCIQRR ETC2-Q202013PCIQRR Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
More results

Similar Description - Q202013PCIQRR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL1507 ETC2-KL1507 Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
G2128 ETC2-G2128 Datasheet
91Kb / 1P
   Multipurpose Enclosures - ABS and Polycarbonate
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RG.02.01.3000W TAOGLAS-RG.02.01.3000W Datasheet
720Kb / 13P
   UV and Vandal resistant ABS housing
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001 Datasheet
881Kb / 17P
   uv and vandal resistant abs housing and thread
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
2Mb / 15P
   UV and vandal resistant ABS housing and thread
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18483-P BUD-PTX-18483-P Datasheet
108Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18486-P BUD-PTX-18486-P Datasheet
161Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18491-P BUD-PTX-18491-P Datasheet
329Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com