Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q202013PCIQRCCR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # Q202013PCIQRCCR
Description  Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Q202013PCIQRCCR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  Q202013PCIQRCCR Datasheet HTML 1Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 2Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 3Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 4Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 5Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 6Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 7Page - List of Unclassifed Manufacturers Q202013PCIQRCCR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2009 Hoffman Enclosures Inc.
Non-Metallic: Polycarbonate and ABS
QLINE® I
Spec-00411 E
Cover Screw Kit
Screws are polyamide. Wing-head-
style screws provide rapid access to
enclosure interior without requiring
special tools to open. Kit includes
four polyamide cover screws and
four self-tapping, plated panel
screws. Tamper-resistant screws
have molded 3-mm double-bit drive;
kit includes four cover screws, one
key and four self-tapping, plated
panel screws. Use on all QLINE
® I
enclosures.
Bulletin: Q41Y
Catalog Number
Description
QIWHSK
wing-head screw
QITSK
3-mm tamper-resistant double-bit
Brass Insert Kit
Four M5 self-tapping brass inserts
screw into molded pads in bottom of
enclosure. Inserts have M3 internal
thread.
Bulletin: Q41Y
Catalog Number
QBIK
Panel Depth Fitting
Panel Depth Fitting attaches to
corner molded rails of enclosure to
facilitate full-range front-to-back
panel adjustment. Package includes
four polyamide fittings and plated
screws. Use on all QLINE I enclosures.
Bulletin: Q41Y
Catalog Number
QIPDF
Swing Panel
Adjustable-depth aluminum
swing panels, for use in QLINE
® I
polycarbonate enclosures, provide
a convenient way to install controls
and instruments near enclosure
body opening while providing access
and security. Suitable applications
include water, pulp and paper,
petroleum and chemical processing,
food, packaging and pharmaceutical
applications.
Bulletin: Q41Y
Catalog Number
Panel Size
D x E
mm/in.
Fits Enclosure
Size A x B
mm/in.
Hinged Side
of Enclosure
QIHFP22A
186 x 180
7.32 x 7.09
200 x 200
7.87 x 7.87
200
QIHFP23A
186 x 280
7.32 x 11.02
300 x 200
11.81 x 7.87
200
QIHFP32A
286 x 180
11.26 x 7.09
300 x 200
11.81 x 7.87
300
QIHFP42A
386 x 180
15.20 x 7.09
400 x 200
15.75 x 7.87
400
QIHFP33A
286 x 280
11.26 x 11.02
300 x 300
11.81 x 11.81
300
QIHFP43A
386 x 280
15.20 x 11.02
400 x 300
15.75 x 11.81
400
QIHFP63A
586 x 280
23.07 x 11.02
600 x 300
23.62 x 11.81
600
QIHFP64A
586 x 380
23.07 x 14.96
600 x 400
23.62 x 15.75
600


Similar Part No. - Q202013PCIQRCCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Q202013PCIQRCCR ETC2-Q202013PCIQRCCR Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
More results

Similar Description - Q202013PCIQRCCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL1507 ETC2-KL1507 Datasheet
1Mb / 8P
   Body is impact-resistant polycarbonate for PCI series and ABS for ABI series
G2128 ETC2-G2128 Datasheet
91Kb / 1P
   Multipurpose Enclosures - ABS and Polycarbonate
logo
Taoglas antenna solutio...
WS.02.B.205111 TAOGLAS-WS.02.B.205111 Datasheet
1Mb / 21P
   UV and Vandal Resistant ABS Housing
RG.02.01.3000W TAOGLAS-RG.02.01.3000W Datasheet
720Kb / 13P
   UV and Vandal resistant ABS housing
MA111.W.C.LB.001 TAOGLAS-MA111.W.C.LB.001 Datasheet
881Kb / 17P
   uv and vandal resistant abs housing and thread
MA111.C.LB.001 TAOGLAS-MA111.C.LB.001 Datasheet
2Mb / 15P
   UV and vandal resistant ABS housing and thread
logo
Bud Industries, Inc.
PTX-18482-P BUD-PTX-18482-P Datasheet
81Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18483-P BUD-PTX-18483-P Datasheet
108Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18486-P BUD-PTX-18486-P Datasheet
161Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
PTX-18491-P BUD-PTX-18491-P Datasheet
329Kb / 1P
   ABS PANEL FOR PTR SERIES
1/25/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com