Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4992SDBD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4992SDBD
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992SDBD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4992SDBD Datasheet HTML 2Page - Texas Instruments LM4992SDBD Datasheet HTML 3Page - Texas Instruments LM4992SDBD Datasheet HTML 4Page - Texas Instruments LM4992SDBD Datasheet HTML 5Page - Texas Instruments LM4992SDBD Datasheet HTML 6Page - Texas Instruments LM4992SDBD Datasheet HTML 7Page - Texas Instruments LM4992SDBD Datasheet HTML 8Page - Texas Instruments LM4992SDBD Datasheet HTML 9Page - Texas Instruments LM4992SDBD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
NC
V
OUT-
V
OUT+
NC
V
IN+
V
IN-
PD
140
V
OCM
50
50
GS+
GS-
Unused
Unused
200
60
2
140
200
60
2
-
-
+
+
V
OCM
THS770012
SLOS669C
– FEBRUARY 2010 – REVISED JANUARY 2012
www.ti.com
PIN CONFIGURATION
RGE PACKAGE
VQFN-24
(TOP VIEW)
PIN DESCRIPTIONS
PIN
DESCRIPTION
NO.
NAME
1
NC
No internal connection
2
PD
Power down. High = low power (sleep) mode. Low = active.
3
VIN–
Inverting input pin
4
VIN+
Non-inverting input pin
5
VOCM
Output common-mode voltage control input pin
6, 7
NC
No internal connection
8, 9, 10, 11
GND
Ground. Must be connected to thermal pad.
12
NC
No internal connection
13
GS-
Gain-setting connection for inverting output
14
Unused Bonded to die, but not used. Tie to GND.
15
VOUT–
Inverting output pin
16
VOUT+
Non-inverting output pin
17
Unused Bonded to die, but not used. Tie to GND.
18
GS+
Gain-setting connection for non-inverting output
19
NC
No internal connection
20, 21, 22,
VS+
Power supply pins, +5V nominal
23
24
NC
No internal connection
Thermal pad
Thermal pad on bottom of device is used for heat dissipation and must be tied to GND
6
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): THS770012


Similar Part No. - LM4992SDBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Similar Description - LM4992SDBD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com