Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3513 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE3513
Description  1500 MHz Low Power UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3513 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE3513 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3513 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Specification
PE3513
Page 3 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0108-06
│ www.psemi.com
Table 5. Pin Descriptions
Table 6. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 6.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Device Functional Considerations
The
PE3513 divides an input signal, up to a
frequency of 1500 MHz, by a factor of eight
thereby producing an output frequency at one-
eighth the input frequency. To work properly with
low impedance, ground referenced interfaces, the
input and output signals (pins 3 & 6) must be AC
coupled via an external capacitor, as shown in the
test circuit in Figure 4.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance. See Figure 9 for a layout example.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Pin
No.
Pin
Name
Description
1
N/C
No Connect. This pin should be left open.
2
GND
Ground pin. Ground pattern on the board
should be as wide as possible to reduce
ground impedance.
3
IN
Input signal pin. DC blocking capacitor
required (100 pF typical).
4
VDD
Power supply pin. Bypassing is required.
5
GND
Ground pin.
6
OUT
Divided frequency output pin. DC blocking
capacitor required (100 pF typical).
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
4.0
V
Pin
Input Power
13
dBm
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human
Body Model)
2000
V
1
2
3
4
5
6
OUT
GND
V
DD
NC
GND
IN
pin 1
SC-70


Similar Part No. - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513 PASTERNACK-PE3513 Datasheet
270Kb / 1P
   CABLE ASSEMBLY RG316/U SMA MALE TO SMA MALE RIGHT ANGLE
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3513-EK PEREGRINE-PE3513-EK Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513LF PASTERNACK-PE3513LF Datasheet
279Kb / 1P
   Cable Assembly
More results

Similar Description - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9301 PEREGRINE-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS
PE3238 PEREGRINE-PE3238 Datasheet
273Kb / 15P
   1500 MHz UltraCMOS??Integer-N PLL for Low Phase Noise Applications
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
   DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com