Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ8.0CA Datasheet(PDF) 1 Page - StarHope

Part # SMCJ8.0CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SMCJ8.0CA Datasheet(HTML) 1 Page - StarHope

  SMCJ8.0CA Datasheet HTML 1Page - StarHope SMCJ8.0CA Datasheet HTML 2Page - StarHope SMCJ8.0CA Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE - 5.0 TO 440 Volts
1500 Watt Peak Pulse Power
UNI- POLAR
BI-POLAR
UNI
BI
SMCJ5.0A
SMCJ5.0CA GDE BDE
5.0
6.40
7.00
10
9.2
163.0
SMCJ6.0A
SMCJ6.0CA GDG BDG
6.0
6.67
7.37
10
10.3
145.7
SMCJ6.5A
SMCJ6.5CA GDK BDK
6.5
7.22
7.98
10
11.2
134.0
SMCJ7.0A
SMCJ7.0CA GDM BDM
7.0
7.78
8.60
10
12.0
125.0
SMCJ7.5A
SMCJ7.5CA GDP BDP
7.5
8.33
9.21
1
12.9
116.3
SMCJ8.0A
SMCJ8.0CA GDR BDR
8.0
8.89
9.83
1
13.6
110.3
SMCJ8.5A
SMCJ8.5CA GDT BDT
8.5
9.44
10.40
1
14.4
104.2
SMCJ9.0A
SMCJ9.0CA GDV BDV
9.0
10.00
11.10
1
15.4
97.4
SMCJ10A
SMCJ10CA GDX BDX
10.0
11.10
12.30
1
17.0
88.3
5
SMCJ11A
SMCJ11CA
GDZ BDZ
11.0
12.20
13.50
1
18.2
82.5
1
SMCJ12A
SMCJ12CA
GEE BEE
12.0
13.30
14.70
1
19.9
75.4
1
SMCJ13A
SMCJ13CA GEG BEG
13.0
14.40
15.90
1
21.5
69.8
1
SMCJ14A
SMCJ14CA
GEK BEK
14.0
15.60
17.20
1
23.2
64.7
1
SMCJ15A
SMCJ15CA GEM BEM
15.0
16.70
18.50
1
24.4
61.5
1
SMCJ16A
SMCJ16CA
GEP BEP
16.0
17.80
19.70
1
26.0
57.7
1
SMCJ17A
SMCJ17CA GER BER
17.0
18.90
20.90
1
27.6
54.4
1
SMCJ18A
SMCJ18CA
GET
BET
18.0
20.00
22.10
1
29.2
51.4
1
SMCJ20A
SMCJ20CA
GEV BEV
20.0
22.20
24.50
1
32.4
46.3
1
SMCJ22A
SMCJ22CA
GEX BEX
22.0
24.40
26.90
1
35.5
42.3
1
SMCJ24A
SMCJ24CA
GEZ
BEZ
24.0
26.70
29.50
1
38.9
38.6
1
SMCJ26A
SMCJ26CA
GFE
BFE
26.0
28.90
31.90
1
42.1
35.7
1
SMCJ28A
SMCJ28CA GFG BFG
28.0
31.10
34.40
1
45.4
33.1
1
SMCJ30A
SMCJ30CA
GFK
BFK
30.0
33.30
36.80
1
48.4
31.0
1
SMCJ33A
SMCJ33CA GFM BFM
33.0
36.70
40.60
1
53.3
28.2
1
SMCJ36A
SMCJ36CA
GFP
BFP
36.0
40.00
44.20
1
58.1
25.9
1
SMCJ40A
SMCJ40CA
GFR BFR
40.0
44.40
49.10
1
64.5
23.3
1
SMCJ43A
SMCJ43CA
GFT
BFT
43.0
47.80
52.80
1
69.4
21.7
1
SMCJ45A
SMCJ45CA
GFV
BFV
45.0
50.00
55.30
1
72.7
20.6
1
SMCJ48A
SMCJ48CA
GFX
BFX
48.0
53.30
58.90
1
77.4
19.4
1
SMCJ51A
SMCJ51CA
GFZ
BFZ
51.0
56.70
62.70
1
82.4
18.2
1
SMCJ54A
SMCJ54CA GGE BGE
54.0
60.00
66.30
1
87.1
17.3
1
SMCJ58A
SMCJ58CA GGG BGG
58.0
64.40
71.20
1
93.6
16.1
1
SMCJ60A
SMCJ60CA GGK BGK
60.0
66.70
73.70
1
96.8
15.5
1
SMCJ64A
SMCJ64CA GGM BGM
64.0
71.10
78.60
1
103.0
14.6
1
SMCJ70A
SMCJ70CA GGP BGP
70.0
77.80
86.00
1
113.0
13.3
1
SMCJ75A
SMCJ75CA GGR BGR
75.0
83.30
92.10
1
121.0
12.4
1
SMCJ78A
SMCJ78CA GGT BGT
78.0
86.70
95.80
1
126.0
11.9
1
SMCJ85A
SMCJ85CA GGV BGV
85.0
94.40
104.00
1
137.0
11.0
1
SMCJ90A
SMCJ90CA GGX BGX
90.0
100.00
111.00
1
146.0
10.3
1
SMCJ100A SMCJ100CA GGZ BGZ
100.0
111.00
123.00
1
162.0
9.3
1
SMCJ110A SMCJ110CA GHE BHE
110.0
122.00
135.00
1
177.0
8.5
1
SMCJ120A SMCJ120CA GHG BHG
120.0
133.00
147.00
1
193.0
7.8
1
SMCJ130A SMCJ130CA GHK BHK
130.0
144.00
159.00
1
209.0
7.2
1
SMCJ150A SMCJ150CA GHM BHM
150.0
167.00
185.00
1
243.0
6.2
1
SMCJ160A SMCJ160CA GHP BHP
160.0
178.00
197.00
1
259.0
5.8
1
SMCJ170A SMCJ170CA GHR BHR
170.0
189.00
209.00
1
275.0
5.5
1
SMCJ180A SMCJ180CA GHT BHT
180.0
201.00
222.00
1
292.0
5.1
1
SMCJ200A SMCJ200CA GHV BHV
200.0
224.00
247.00
1
324.0
4.6
1
SMCJ220A SMCJ220CA GHX BHX
220.0
246.00
272.00
1
356.0
4.2
1
SMCJ250A SMCJ250CA GHZ BHZ
250.0
279.00
309.00
1
405.0
3.7
1
SMCJ300A SMCJ300CA GJE
BJE
300.0
335.00
371.00
1
486.0
3.1
1
SMCJ350A SMCJ350CA GJG BJG
350.0
391.00
432.00
1
567.0
2.6
1
SMCJ400A SMCJ400CA GJK
BJK
400.0
447.00
494.00
1
648.0
2.3
1
SMCJ440A SMCJ440CA GJM BJM
440.0
492.00
543.00
1
713.0
2.1
1
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts with A , the VBR is ± 5%
SMCJ
PART NUMBER
DEVICE
MARKING
CODE
REVERS
E STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOW
N VOLTAGE
VBR(V)
MIN.@I
T
REVERS
E
LEAKAGE
@VRWM
IR(µA)
BREAKDOW
N VOLTAGE
VBR(V)
MAX.@I
T
TEST
CURRENT
IT (mA)
MAXIMUN
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURREN
T Ipp (A)
.
标注为常用型号
Stand for commonly used models
" * "
" * "
*
*
*
*
*
*
*
*
*
*
*
*
*
*
100
5
0
20
10
500
500
300
200
REV.2014.05.01
01 | www.spsemi.cn
SMCJ(1500W) Series


Similar Part No. - SMCJ8.0CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMCJ8.0CA FAIRCHILD-SMCJ8.0CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Shanghai Semitech Semic...
SMCJ8.0CA SEMITECH-SMCJ8.0CA Datasheet
224Kb / 6P
   Excellent clamping capability
logo
SynSemi, Inc.
SMCJ8.0CA SYNSEMI-SMCJ8.0CA Datasheet
162Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
SMCJ8.0CA HY-SMCJ8.0CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMCJ8.0CA SOCAY-SMCJ8.0CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ8.0CA

ManufacturerPart #DatasheetDescription
logo
StarHope
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-SMCJ SPSEMI-TVS-SMCJ Datasheet
151Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 1500 Watt Peak Pulse Power
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com