Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4268 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE4268
Description  SP6T UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4268 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button PE4268 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4268 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE4268
Page 8 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0165-03
│ UltraCMOS™ RFIC Solutions
Figure 15. Package Drawing (mm)
1.00
2.00
0.23
0.10
C A B
EXPOSED PAD
DETAIL A
16
15
11
5
1
6
20
10
2
1
DETAIL A
0.18
0.435
SEATING
PLANE
0.08 C
0.10 C
EXPOSED PAD &
TERMINAL PADS
- C -
2.00 X 2.00
2.00
4.00
- B -
- A -
INDEX AREA
0.25 C
2. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL
1. DIMENSION APPLIES TO METALLIZED TERMINAL AND IS MEASURED
AS THE TERMINALS.
BETWEEN 0.25 AND 0.30 FROM TERMINAL TIP.
20-lead 4x4 mm QFN


Similar Part No. - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
273Kb / 2P
   SMB Jack Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Pasternack Enterprises,...
PE4268 PASTERNACK-PE4268 Datasheet
316Kb / 3P
   SMB Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4268-EK PEREGRINE-PE4268-EK Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
More results

Similar Description - PE4268

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4268 PSEMI-PE4268 Datasheet
308Kb / 11P
   SP6T UltraCMOS 2.6 V Switch
logo
Peregrine Semiconductor...
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
logo
DAICO Industries, Inc.
DSW62188 DAICO-DSW62188 Datasheet
174Kb / 1P
   GaAs SP6T
logo
Pasternack Enterprises,...
PE71S6197 PASTERNACK-PE71S6197 Datasheet
452Kb / 4P
   SP6T Switch
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
   SP6T Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com