Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4283 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE4283
Description  SPDT High Power UltraCMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4283 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button PE4283 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4283 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Product Specification
PE4283
Page 8 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0177-04
│ UltraCMOS™ RFIC Solutions
Figure 19. Input 1 dB Compression and IIP3
Typical Performance Data


Similar Part No. - PE4283

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Pasternack Enterprises,...
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283_15 Datasheet
231Kb / 10P
   RF Switch
More results

Similar Description - PE4283

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4259 PEREGRINE-PE4259 Datasheet
651Kb / 11P
   SPDT High Power UltraCMOS
logo
Peregrine Semiconductor
PE4259 PSEMI-PE4259_14 Datasheet
1,021Kb / 11P
   SPDT High Power UltraCMOS?
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
   SPDT UltraCMOS
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS
PE42552 PEREGRINE-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS
PE4244 PEREGRINE-PE4244 Datasheet
284Kb / 6P
   SPDT UltraCMOS
PE4239 PEREGRINE-PE4239 Datasheet
287Kb / 9P
   SPDT UltraCMOS
PE4230 PEREGRINE-PE4230 Datasheet
258Kb / 7P
   SPDT High Power UltraCMOS??RF Switch
PE4251 PEREGRINE-PE4251 Datasheet
225Kb / 9P
   SPDT UltraCMOS
PE42421 PEREGRINE-PE42421 Datasheet
325Kb / 9P
   SPDT UltraCMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com