Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4304 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE4304
Description  75 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4304 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE4304 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4304 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE4304
Page 10 of 11
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0066-04
│ UltraCMOS™ RFIC Solutions
Figure 21. Marking Specifications
Figure 22. Tape and Reel Drawing
4304
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of PSC Lot Number
Table 10. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4304-01
4304
PE4304-20MLP 4x4mm-75A
20-lead 4x4 mm QFN
75 units / Tube
4304-02
4304
PE4304-20MLP 4x4mm-3000C
20-lead 4x4 mm QFN
3000 units / T&R
4304-00
PE4304-EK
PE4304-20MLP 4x4mm-EK
Evaluation Kit
1 / Box
4304-51
4304
PE4304G-20MLP 4x4mm-75A
Green 20-lead 4x4 mm QFN
75 units / Tube
4304-52
4304
PE4304G-20MLP 4x4mm-3000C
Green 20-lead 4x4 mm QFN
3000 units / T&R


Similar Part No. - PE4304

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE4304 PASTERNACK-PE4304 Datasheet
91Kb / 1P
   TNC MALE BULKHEAD CLAMP ATTACHMENT FOR RG174 RG188 & RG316
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4304-EK PEREGRINE-PE4304-EK Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
More results

Similar Description - PE4304

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4308 PEREGRINE-PE4308 Datasheet
504Kb / 11P
   75 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4307 SIPAT-SP4307 Datasheet
935Kb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307_14 Datasheet
1Mb / 11P
   75廓 RF Digital Attenuator
PE4308 PSEMI-PE4308_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP4304 SIPAT-SP4304 Datasheet
928Kb / 10P
   75 廓 RF Digital Attenuator
SP43404 SIPAT-SP43404 Datasheet
1Mb / 10P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4304 PSEMI-PE4304_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
PE43404 PSEMI-PE43404_14 Datasheet
1Mb / 11P
   75 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404 Datasheet
529Kb / 11P
   75 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com