Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB10J7.5A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SMB10J7.5A
Description  High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMB10J7.5A Datasheet(HTML) 3 Page - Vishay Siliconix

  SMB10J7.5A Datasheet HTML 1Page - Vishay Siliconix SMB10J7.5A Datasheet HTML 2Page - Vishay Siliconix SMB10J7.5A Datasheet HTML 3Page - Vishay Siliconix SMB10J7.5A Datasheet HTML 4Page - Vishay Siliconix SMB10J7.5A Datasheet HTML 5Page - Vishay Siliconix SMB10J7.5A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMB10(8)J5.0(C)A thru SMB10(8)J40(C)A
www.vishay.com
Vishay General Semiconductor
Revision: 12-Nov-12
3
Document Number: 88422
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BI-DIRECTIONAL
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM (3)
ID (μA)
MAXIMUM
PEAK
PULSE SURGE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SMB8J5.0CA
1AE
6.40
7.25
10
5.0
2000
87.0
9.2
SMB8J6.0CA
1AG
6.67
7.37
10
6.0
2000
77.7
10.3
SMB8J6.5CA
1AK
7.22
7.98
10
6.5
1000
71.4
11.2
SMB8J7.0CA
1AM
7.78
8.60
10
7.0
400
66.7
12.0
SMB8J7.5CA
1AP
8.33
9.21
1.0
7.5
200
62.0
12.9
SMB8J8.0CA
1AR
8.89
9.83
1.0
8.0
100
58.8
13.6
SMB8J8.5CA
1AT
9.44
10.4
1.0
8.5
40
55.6
14.4
SMB8J9.0CA
1AV
10.0
11.1
1.0
9.0
20
51.9
15.4
SMB8J10CA
1AX
11.1
12.3
1.0
10
10
47.1
17.0
SMB8J11CA
1AZ
12.2
13.5
1.0
11
5.0
44.0
18.2
SMB8J12CA
1BE
13.3
14.7
1.0
12
5.0
40.2
19.9
SMB8J13CA
1BG
14.4
15.9
1.0
13
1.0
37.2
21.5
SMB8J14CA
1BK
15.6
17.2
1.0
14
1.0
34.5
23.2
SMB8J15CA
1BM
16.7
18.5
1.0
15
1.0
32.8
24.4
SMB8J16CA
1BP
17.8
19.7
1.0
16
1.0
30.8
26.0
SMB8J17CA
1BR
18.9
20.9
1.0
17
1.0
29.0
27.6
SMB8J18CA
1BT
20.0
22.1
1.0
18
1.0
27.4
29.2
SMB8J20CA
1BV
22.2
24.5
1.0
20
1.0
24.7
32.4
SMB8J22CA
1BX
24.4
26.9
1.0
22
1.0
22.5
35.5
SMB8J24CA
1BZ
26.7
29.5
1.0
24
1.0
20.6
38.9
SMB8J26CA
1CE
28.9
31.9
1.0
26
1.0
19.0
42.1
SMB8J28CA
1CG
31.1
34.4
1.0
28
1.0
17.6
45.4
SMB8J30CA
1CK
33.3
36.8
1.0
30
1.0
16.5
48.4
SMB8J33CA
1CM
36.7
40.6
1.0
33
1.0
15.0
53.3
SMB8J36CA
1CP
40.0
44.2
1.0
36
1.0
13.8
58.1
SMB8J40CA
1CR
44.4
49.1
1.0
40
1.0
12.4
64.5
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient (1)
RJA
72
°C/ W
Typical thermal resistance, junction to lead
RJL
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMB10J5.0A-E3/52
0.106
52
750
7" diameter plastic tape and reel
SMB10J5.0A-E3/5B
0.106
5B
3200
13" diameter plastic tape and reel
SMB10J5.0AHE3/52 (1)
0.106
52
750
7" diameter plastic tape and reel
SMB10J5.0AHE3/5B (1)
0.106
5B
3200
13" diameter plastic tape and reel


Similar Part No. - SMB10J7.5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMB10J7.5A VISHAY-SMB10J7.5A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMB10J7.5A VISHAY-SMB10J7.5A Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
logo
SUNMATE electronic Co.,...
SMB10J7.5A SUNMATE-SMB10J7.5A Datasheet
563Kb / 3P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR
logo
Anova Technologies CO.,...
SMB10J7.5A ANOVA-SMB10J7.5A Datasheet
251Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Shanghai Yint Electroni...
SMB10J7.5A YINT-SMB10J7.5A Datasheet
632Kb / 4P
   Transient Voltage Suppression Diodes
More results

Similar Description - SMB10J7.5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB10J40A VISHAY-SMB10J40A Datasheet
118Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com