Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4306 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4306
Description  50 廓 RF Digital Attenuator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4306 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4306 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4306 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE4306
Page 2 of 11
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0160-04
│ UltraCMOS™ RFIC Solutions
Typical Performance Data @ 25°C, VDD = 3.0 V unless otherwise noted
Figure 4. Attenuation at Major steps
Figure 6. Output Return Loss at Major
Attenuation Steps
Figure 5. Input Return Loss at Major
Attenuation Steps
Figure 3. Insertion Loss
-5
-4
-3
-2
-1
0
0
500
1000
1500
2000
2500
3000
3500
4000
insertion loss @ 25 C
insertion loss @ -40 C
insertion loss @ 85 C
Frequency (MHz)
0
5
10
15
20
25
30
35
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB
8 dB
4 dB
2 dB
1 dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
16 dB


Similar Part No. - PE4306

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
222Kb / 3P
   TNC Female Bulkhead Isolated Ground Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
logo
Peregrine Semiconductor
PE4306 PSEMI-PE4306 Datasheet
457Kb / 11P
   RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306 Datasheet
316Kb / 3P
   TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE4306

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
   50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
   50 廓 RF Digital Attenuator
PE43701 PSEMI-PE43701_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
   50 廓 RF Digital Attenuator
logo
SIPAT Co,Ltd
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE4302 PSEMI-PE4302_14 Datasheet
1Mb / 10P
   50 廓 RF Digital Attenuator
PE43601 PSEMI-PE43601_14 Datasheet
991Kb / 13P
   50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com