Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9303 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # PE9303
Description  1.5 - 3.5 GHz Low Power UltraCMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9303 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

  PE9303 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE9303 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Product Specification
PE9303
Page 9 of 9
Document No. 70-0052-02 │ www.psemi.com
©2003-2012 Peregrine Semiconductor Corp. All rights reserved.
Table 4. Ordering Information
Order Code
Description
Package
Shipping Method
9303-01
PE9303-08CFPJ-B Engineering Samples
8-lead FLAT PACK
50 / Tray
9303-11
PE9303-08CFPJ-B Production Units
8-lead FLAT PACK
50 / Tray
9303-98
Engineering sample die with bonding X (X = A - H)
Die
49 units / Waffle Pack
9303-99
Flight die with bonding X (X = A - H)
Die
49 units / Waffle Pack
9303-00
PE9303 Evaluation Kit
Evaluation Board
1 / Box
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp.
Sales Contact and Information
For sales and contact information please visit www.psemi.com.
Figure 11. Top Marking Specifications
17-0167
= ESD symbol as well as represents the Pin 1 designation
XXXXXXXX = Part number e.g. 20131201
XX
= Part number continuation e.g. P1 (same line as datecode)
YYWW
= Date Code, last two digits of the year and work week
ZZZZZZ
= Assembly lot number
nn
= Serial Number


Similar Part No. - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Pasternack Enterprises,...
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
   SMC Plug to SMC Jack Right Angle Adapter
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE9303-EK PEREGRINE-PE9303-EK Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
More results

Similar Description - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
logo
Johanson Technology Inc...
3550LP14A300 JOHANSON-3550LP14A300 Datasheet
126Kb / 2P
   3.5 GHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com