Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42750 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE42750
Description  75 廓 Terminated 5 - 2200 MHz SPDT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42750 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE42750 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42750 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
PE42750
Page 5 of 10
Document No. 70-0334-07 │ www.psemi.com
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
Figure 10. RFC Port Return Loss vs VDD
Figure 12. RF1-RF2 Isolation vs Temperature
Figure 11. RF1-RF2 Isolation vs VDD
Figure 13. Unpowered RF1-RF2 Isolation
‐30
‐25
‐20
‐15
‐10
‐5
0
0
0.5
1
1.5
2
2.5
3
2.7 V
3.0 V
3.3 V
‐100
‐90
‐80
‐70
‐60
‐50
‐40
00.5
11.522.5
3
‐40 deg C
25 deg C
85 deg C
‐100
‐90
‐80
‐70
‐60
‐50
‐40
00.511.5
2
2.5
3
2.7 V
3.0 V
3.3 V
‐100
‐90
‐80
‐70
‐60
‐50
‐40
00.5
11.522.5
3
VDD=0V
Figure 15. Input IIP3 RFC-RFX
Figure 14. RFX-RFC Isolation
‐110
‐100
‐90
‐80
‐70
‐60
‐50
‐40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Measured
Performance on
EVK PCB
Extrapolated
Performance*
0
10
20
30
40
50
60
70
00.511 .522.5
3
RFX
Note: EVK-PCB-related resonance removed from dataset. Extrapolated
performance shown represents true performance of part.
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)
Frequency (GHz)


Similar Part No. - PE42750

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750 PSEMI-PE42750 Datasheet
450Kb / 10P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE42750MLAA PEREGRINE-PE42750MLAA Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750MLAA-Z PEREGRINE-PE42750MLAA-Z Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
More results

Similar Description - PE42750

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com