Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP706RCN-L Datasheet(PDF) 1 Page - Exar Corporation

Part # SP706RCN-L
Description  3.0V/3.3V Low Power Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP706RCN-L Datasheet(HTML) 1 Page - Exar Corporation

  SP706RCN-L Datasheet HTML 1Page - Exar Corporation SP706RCN-L Datasheet HTML 2Page - Exar Corporation SP706RCN-L Datasheet HTML 3Page - Exar Corporation SP706RCN-L Datasheet HTML 4Page - Exar Corporation SP706RCN-L Datasheet HTML 5Page - Exar Corporation SP706RCN-L Datasheet HTML 6Page - Exar Corporation SP706RCN-L Datasheet HTML 7Page - Exar Corporation SP706RCN-L Datasheet HTML 8Page - Exar Corporation SP706RCN-L Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
S
SP
P7
70
06
6R
R/
/S
S/
/T
T -- S
SP
P7
70
08
8R
R/
/S
S/
/T
T
3
3..0
0V
V/
/3
3..3
3V
V L
Lo
ow
w P
Po
ow
we
err M
Miiccrro
op
prro
occe
es
ss
so
orr S
Su
up
pe
errv
viis
so
orry
y
C
Ciirrccu
uiitts
s
June 2010
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP706R/S/T and SP708R/S/T series is a
family of microprocessor (µP) supervisory
circuits that integrate myriad components
involved in discrete solutions which monitor
power-supply and battery in µP and digital
systems.
The SP706R/S/T and SP708R/S/T series will
significantly improve system reliability and
operational efficiency when compared to
solutions obtained with discrete components.
The
features
of
the
SP706R/S/T
and
SP708R/S/T series include a watchdog timer, a
µP reset, a Power Fail Comparator, and a
manual-reset input.
The SP706R/S/T and SP708R/S/T series is
ideal
for
3.0V
or
3.3V
applications
in
automotive systems, computers, controllers,
and intelligent instruments. The SP706R/S/T
and SP708R/S/T series is an ideal solution for
systems in which critical monitoring of the
power supply to the µP and related digital
components is demanded.
APPLICATIONS
• Processors & DSPs Based Systems
• Industrial & Medical Instruments
FEATURES
• Precision Low Voltage Monitor
− SP706R/SP708R: +2.63V
− SP706S/SP708S: +2.93V
− SP706T/SP708T: +3.08V
• 200ms RESET Pulse Width
− SP706R/S/T: Active Low
− SP708R/S/T: Active High and Active Low
• Independent Watchdog Timer
− 1.6s Timeout (SP706R/S/T)
− Enable/Disable Function
• 40µA Maximum Supply Current
• Debounced TTL/CMOS Manual Reset
Input
• RESET Asserted Down to VCC=1V
• VCC Glitch Immunity
• Voltage Monitor for Power Failure or
Low Battery Warning
• 8-Pin NSOIC and MSOP Packages
• Pin Compatible with Industry
Standards 706R/S/T and 708R/S/T
Part Number
RESET Threshold
RESET Active
Manual RESET
Watchdog
PFI Accuracy
SP706R
2.63V
Low
Yes
Yes
4%
SP706S
2.93V
Low
Yes
Yes
4%
SP706T
3.08V
Low
Yes
Yes
4%
SP708R
2.63V
Low and High
Yes
No
4%
SP708S
2.93V
Low and High
Yes
No
4%
SP708T
3.08V
Low and High
Yes
No
4%


Similar Part No. - SP706RCN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP706RCN SIPEX-SP706RCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706RCN SIPEX-SP706RCN Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706RCN SIPEX-SP706RCN Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results

Similar Description - SP706RCN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706REU-L EXAR-SP706REU-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P_04 Datasheet
234Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com