Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48510 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48510
Description  Boosted Class D Audio Power Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48510 Datasheet(HTML) 3 Page - Texas Instruments

  LM48510_14 Datasheet HTML 1Page - Texas Instruments LM48510_14 Datasheet HTML 2Page - Texas Instruments LM48510_14 Datasheet HTML 3Page - Texas Instruments LM48510_14 Datasheet HTML 4Page - Texas Instruments LM48510_14 Datasheet HTML 5Page - Texas Instruments LM48510_14 Datasheet HTML 6Page - Texas Instruments LM48510_14 Datasheet HTML 7Page - Texas Instruments LM48510_14 Datasheet HTML 8Page - Texas Instruments LM48510_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM48510
www.ti.com
SNAS275D – NOVEMBER 2006 – REVISED OCTOBER 2007
LLP-14 Pin
Name
Function
14
IN-
Amplifier Inverting Input
15
V1
Amplifier Power Input
16
SDAMP
Amplifier Active Low Shutdown
To be soldered to board for enhanced
DAP
thermal dissipation.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (1)
Supply Voltage (VDD, V1)
6V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation (2)
Internally limited
ESD Susceptibility (3)
2000V
ESD Susceptibility (4)
200V
Junction Temperature
150°C
Thermal Resistance
θJA (SD)
37°C/W
See AN-1187 'Leadless Leadframe Packaging (LLP)'
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which guarantee specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not guaranteed for parameters where no limit is given, however, the typical value is a good
indication of device performance.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX − TA) / θJA or the given in Absolute Maximum Ratings, whichever is
lower.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
Machine Model, 220pF–240pF discharged through all pins.
Operating Ratings
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (VDD)
2.7V
≤ VDD ≤ 5.0V
Supply Voltage (V1)
4.5V
≤ V1 ≤ 5.5V
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48510


Similar Part No. - LM48510_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
   Boosted Class D Audio Power Amplifier
More results

Similar Description - LM48510_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48510_0710 NSC-LM48510_0710 Datasheet
403Kb / 20P
   Boosted Class D Audio Power Amplifier
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2510 EUTECH-EUA2510 Datasheet
157Kb / 1P
   2.7W Boosted Class-D Audio Power Amplifier
EUA2510A EUTECH-EUA2510A Datasheet
156Kb / 1P
   Low EMI 2.7W Boosted Class-D Audio Power Amplifier
logo
Cirrus Logic
CS35L41 CIRRUS-CS35L41 Datasheet
371Kb / 2P
   11 Volt Boosted Class D Audio Amplifier with DSP
logo
Texas Instruments
TAS2562 TI1-TAS2562 Datasheet
229Kb / 8P
[Old version datasheet]   6-W Boosted Class-D Audio Amplifier with IV Sense
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
[Old version datasheet]   PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48512 TI-LM48512_15 Datasheet
1Mb / 22P
[Old version datasheet]   Boomer Audio Power Amplifier Series PowerWise Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48520 TI1-LM48520_14 Datasheet
805Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com