Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48520 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48520
Description  Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48520 Datasheet(HTML) 3 Page - Texas Instruments

  LM48520_14 Datasheet HTML 1Page - Texas Instruments LM48520_14 Datasheet HTML 2Page - Texas Instruments LM48520_14 Datasheet HTML 3Page - Texas Instruments LM48520_14 Datasheet HTML 4Page - Texas Instruments LM48520_14 Datasheet HTML 5Page - Texas Instruments LM48520_14 Datasheet HTML 6Page - Texas Instruments LM48520_14 Datasheet HTML 7Page - Texas Instruments LM48520_14 Datasheet HTML 8Page - Texas Instruments LM48520_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
XTG
I5
3
2
1
VDD
BstFB
Soft
Start
SW_
GND
INR+
INR-
FB_GND
INL-
V1
BstSD
GND
Gain0
A
B
C
4
INL+
SW
PV1
AmpSD
OUTR+
NC
OUTL+
GAIN1
VLimit
OUTR-
PGND
OUTL-
NC
5
D
E
LM48520, LM48520TLBD
www.ti.com
SNAS367B – FEBRUARY 2008 – REVISED MARCH 2008
Connection Diagram
LM48520TL
Figure 2. Top View
Order Number LM48520TL
See NS Package Number TLA25AAA
Micro SMD Marking
Figure 3. Top View
X — Date Code
T — Die Traceability
G — Boomer Family
I5 — LM48520TL
Table 2. Pin Descriptions
Pin Designator
Pin Name
Pin Function
A1
VDD
Power Supply
Regulator Feedback Input. Connect BstFB to an external resistive voltage divider to
A2
BstFB
set the boost output voltage.
A3
Soft Start
Soft start capacitor
A4
SW_GND
Booster ground
A5
SW
Drain of the Internal FET switch
B1
INR+
Non-inverting right channel input
B2
INR-
Inverting right channel input
B3
FB_GND
Ground return for R1, R2 resistor divider
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48520 LM48520TLBD


Similar Part No. - LM48520_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520TL NSC-LM48520TL Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520TL/NOPB TI1-LM48520TL/NOPB Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM48520TLBD TI1-LM48520TLBD Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
More results

Similar Description - LM48520_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48520 NSC-LM48520 Datasheet
359Kb / 18P
   Boosted Stereo Class D Audio Power Amplifier with Output Speaker Protection and Spread Spectrum
logo
Texas Instruments
LM48520 TI1-LM48520 Datasheet
803Kb / 20P
[Old version datasheet]   Boosted Stereo Class D Audio Power Amplifier
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
NXP Semiconductors
TFA9895 NXP-TFA9895 Datasheet
311Kb / 21P
   Boosted class-D audio amplifier with speaker boost protection and multiband dynamic range compressor
Rev. 1-23 October 2013
logo
Eutech Microelectronics...
EUA2310 EUTECH-EUA2310 Datasheet
103Kb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313 EUTECH-EUA2313 Datasheet
103Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2310B EUTECH-EUA2310B Datasheet
1Mb / 1P
   15-W Stereo Class-D Audio Power Amplifier with Speaker Protection
EUA2313B EUTECH-EUA2313B Datasheet
99Kb / 1P
   6-W Stereo Class-D Audio Power Amplifier with Speaker Protection
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com