Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48580 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM48580
Description  High Efficiency Class H, High Voltage, Haptic Piezo Actuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48580 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM48580_14 Datasheet HTML 3Page - Texas Instruments LM48580_14 Datasheet HTML 4Page - Texas Instruments LM48580_14 Datasheet HTML 5Page - Texas Instruments LM48580_14 Datasheet HTML 6Page - Texas Instruments LM48580_14 Datasheet HTML 7Page - Texas Instruments LM48580_14 Datasheet HTML 8Page - Texas Instruments LM48580_14 Datasheet HTML 9Page - Texas Instruments LM48580_14 Datasheet HTML 10Page - Texas Instruments LM48580_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE (VP-P)
f = 2 kHz
f = 200 Hz
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
OUTPUT VOLTAGE (VP-P)
f = 2 kHz
f = 200 Hz
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48580
www.ti.com
SNAS491 – FEBRUARY 2010
Typical Performance Characteristics
THD+N
THD+N
vs
vs
Frequency
Frequency
VDD = 3.6V, VOUT = 9VP-P
VDD = 4.2V, VOUT = 10VP-P
RL = 6μF + 10Ω
RL = 6μF + 10Ω
Output Voltage
Output Voltage
vs
vs
Frequency
Frequency
VDD = 3.6V, THD+N = 5%
VDD = 4.2V, THD+N = 5%
RL = 6μF + 10Ω
RL = 6μF + 10Ω
THD+N
THD+N
vs
vs
Output Voltage
Output Voltage
VDD = 3.6V, RL = 6μF + 10Ω
VDD = 4.2V, RL = 6μF + 10Ω
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM48580


Similar Part No. - LM48580_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580TL NSC-LM48580TL Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TL/NOPB TI1-LM48580TL/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48580TLX NSC-LM48580TLX Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48580TLX/NOPB TI1-LM48580TLX/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
More results

Similar Description - LM48580_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
   110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
logo
Analog Technologies, In...
APZD300V2A ANALOGTECHNOLOGIES-APZD300V2A Datasheet
243Kb / 5P
   High Efficiency Piezo Driver
3/11/2021
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Maxim Integrated Produc...
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
logo
Vishay Siliconix
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
STMicroelectronics
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
   HIGH-EFFICIENCY CD ACTUATOR DRIVER
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com