Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48580 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM48580
Description  High Efficiency Class H, High Voltage, Haptic Piezo Actuator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48580 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM48580 Datasheet HTML 5Page - Texas Instruments LM48580 Datasheet HTML 6Page - Texas Instruments LM48580 Datasheet HTML 7Page - Texas Instruments LM48580 Datasheet HTML 8Page - Texas Instruments LM48580 Datasheet HTML 9Page - Texas Instruments LM48580 Datasheet HTML 10Page - Texas Instruments LM48580 Datasheet HTML 11Page - Texas Instruments LM48580 Datasheet HTML 12Page - Texas Instruments LM48580 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LM48580
www.ti.com
SNAS491 – FEBRUARY 2010
Application Information
GENERAL AMPLIFIER FUNCTION
The LM48580 is a fully differential, Class H ceramic element driver for ceramic speakers and haptic actuators.
The integrated, high efficiency boost converter dynamically adjusts the amplifier’s supply voltage based on the
output signal, increasing headroom and improving efficiency compared to a conventional Class AB driver. The
fully differential amplifier takes advantage of the increased headroom and bridge-tied load (BTL) architecture,
delivering significantly more voltage than a single-ended amplifier.
CLASS H OPERATION
Class H is a modification of another amplifier class (typically Class B or Class AB) to increase efficiency and
reduce power dissipation. To decrease power dissipation, Class H uses a tracking power supply that monitors
the output signal and adjusts the supply accordingly. When the amplifier output is below 3VP-P, the nominal boost
voltage is 6V. As the amplifier output increases above 3VP-P, the boost voltage tracks the amplifier output as
shown in Figure 4. When the amplifier output falls below 3VP-P, the boost converter returns to its nominal output
voltage. Power dissipation is greatly reduced compared to conventional Class AB drivers.
Figure 7. Class H Operation
PROPERTIES OF PIEZOELECTRIC ELEMENTS
Piezoelectric elements such as ceramic speakers or piezoelectric haptic actuators are capacitive in nature. Due
to their capacitive nature, piezoelectric elements appear as low impedance loads at high frequencies (typically
above 5kHz). A resistor in series with the piezoelectric element is required to ensure the amplifier does not see a
short at high frequencies.
The value of the series resistor depends on the capacitance of the element, the frequency content of the output
signal, and the desired frequency response. Higher valued resistors minimize power dissipation at high
frequencies, but also impacts the frequency response. This configuration is ideal for use with haptic actuators,
where the majority of the signal content is typically below 2kHz. Conversely, lower valued resistors maximize
frequency response, while increasing power dissipation at high frequency. This configuration is ideal for ceramic
speaker applications, where high frequency audio content needs to be reproduced. Resistor values are typically
between 10
Ω and 20Ω.
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM48580 features a fully differential amplifier. A differential amplifier amplifies the difference between the
two input signals. A major benefit of the fully differential amplifier is the improved common mode rejection ratio
(CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier reduces sensitivity
to ground offset related noise injection, especially important in noisy systems.
THERMAL SHUTDOWN
The LM48580 features thermal shutdown that protects the device during thermal overload conditions. When the
junction temperature exceeds +160°C, the device is disabled. The LM48580 remains disabled until the die
temperature falls below the +160°C and SHDN is toggled.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM48580


Similar Part No. - LM48580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580 TI-LM48580 Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48580 TI1-LM48580 Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48580TL NSC-LM48580TL Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TL/NOPB TI1-LM48580TL/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Audio Power Amplifier
More results

Similar Description - LM48580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48580 NSC-LM48580 Datasheet
417Kb / 16P
   High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Texas Instruments
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
[Old version datasheet]   LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
logo
Maxim Integrated Produc...
MAX77501 MAXIM-MAX77501 Datasheet
109Kb / 2P
   110VPK-PK High-Efficiency Piezo Haptic Actuator Boost Driver
Rev 0; 6/19
MAX11835 MAXIM-MAX11835 Datasheet
147Kb / 1P
   Efficient, High-Voltage, TacTouchTM, Haptic Actuator Controller with I2C Interface
Rev 1; 5/12
logo
Analog Technologies, In...
APZD300V2A ANALOGTECHNOLOGIES-APZD300V2A Datasheet
243Kb / 5P
   High Efficiency Piezo Driver
3/11/2021
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Maxim Integrated Produc...
MAX11835 MAXIM-MAX11835_V01 Datasheet
339Kb / 1P
   Efficient, High-Voltage, TacTouch?? Haptic Actuator Controller with I2C Interface
2015
logo
Vishay Siliconix
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
STMicroelectronics
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
   HIGH-EFFICIENCY CD ACTUATOR DRIVER
logo
Texas Instruments
DRV8662 TI1-DRV8662 Datasheet
54Kb / 2P
[Old version datasheet]   Piezo Haptic Driver with Integrated Boost Converter
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com