Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1056A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF1056A
Description  110.592 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1056A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF1056A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF1056A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1056A 112904
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
110.592
MHz
Passband
Insertion Loss at fc
IL
8.5
10.0
dB
3 dB Passband
BW3
1, 2
±576
±750
kHz
Group Delay Variation over fc ±576 kHz
GDV
<150
200
nsP-P
Rejection
fc-3.4 to fc-1.728 and fc+1.728 to fc+3.4 MHz
1, 2, 3
28
40
dB
DC to fc-3.4 and fc+3.4 to 200 MHz
40
>45
Ultimate
45
Operating Temperature Range
TA
1
-10
+60
°C
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SM13365-12 13.3 X 6.5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week) See note 4
RFM SF1056A YYWW
SM13365-12
Designed for DECT and WLAN IF Applications
Low Insertion Loss
Excellent Size-to-Performance Ratio
Hermetic 13.3 X 6.5 mm Surface-Mount Case
Unbalanced Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max Soldering Profile
260°C for 30 s
110.592 MHz
SAW Filter
SF1056A
1.
Unless noted otherwise, all specifications apply over the operating temperature
range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nom-
inal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the pass-
band. Rejection in final user application is dependent on PCB layout and exter-
nal impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and
"ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject
to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design.
However, impedances and impedance matching may vary between Port 1 and
Port 2, so that the filter must always be installed in one direction per the circuit
design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of
RF Monolithics, Inc.
9.
©Copyright 1999, RF Monolithics Inc.
10.
Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Connection
Terminals
Port 1Hot
2
Port 1 Gnd Return
3
Port 2 Hot
8
Port 2 Gnd Return
9
Case Ground
All Others
Electrical Connections
Pb


Similar Part No. - SF1056A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1056A RFM-SF1056A Datasheet
214Kb / 9P
   110.592 MHz SAW Filter
More results

Similar Description - SF1056A

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF110N VANLONG-SF110N Datasheet
99Kb / 2P
   110.592 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1056B MURATA-SF1056B Datasheet
826Kb / 5P
   110.592 MHz SAW Filter
logo
Abracon Corporation
AFS110.592W01-TD01 ABRACON-AFS110.592W01-TD01 Datasheet
917Kb / 2P
   110.592 MHz SAW Filter
09.29.11
logo
RF Monolithics, Inc
SF1056A RFM-SF1056A Datasheet
214Kb / 9P
   110.592 MHz SAW Filter
logo
TriQuint Semiconductor
855659 TRIQUINT-855659_15 Datasheet
423Kb / 5P
   110.592 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
logo
API Technologies Corp
SF0111BA02639S APITECH-SF0111BA02639S Datasheet
175Kb / 4P
   110.592 MHz SAW Filter 1.44 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0603A TAI-SAW-TB0603A Datasheet
277Kb / 7P
   IF SAW Filter 110.592 MHz (SMD 7.0mmX5.0mm)
TB1369A TAI-SAW-TB1369A Datasheet
402Kb / 7P
   110.592 MHz 300kHz BW SMD 13.3 x 6.5 mm SAW IF Filter
logo
TriQuint Semiconductor
855659 TRIQUINT-855659 Datasheet
60Kb / 1P
   110.592 Low-Loss Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com