Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1056B Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SF1056B
Description  110.592 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1056B Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SF1056B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1056B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1056B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1056B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1056B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 5
©2011 by RF Monolithics, Inc.
SF1056B - 3/16/11
Tape and Reel Specifications
“B“
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
2000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
Carrier Tape Dimensions
Ao
9.4 mm
Bo
7.4 mm
Ko
2.0 mm
Pitch
8.0 mm
W
16.0 mm
PIN #1
See Detail "A"
2.0
12.0


Similar Part No. - SF1056B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1056B RFM-SF1056B Datasheet
826Kb / 5P
   Hermetic 5 X 7 mm Surface Mount Case
More results

Similar Description - SF1056B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF110N VANLONG-SF110N Datasheet
99Kb / 2P
   110.592 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1056A MURATA-SF1056A Datasheet
232Kb / 7P
   110.592 MHz SAW Filter
logo
Abracon Corporation
AFS110.592W01-TD01 ABRACON-AFS110.592W01-TD01 Datasheet
917Kb / 2P
   110.592 MHz SAW Filter
09.29.11
logo
RF Monolithics, Inc
SF1056A RFM-SF1056A Datasheet
214Kb / 9P
   110.592 MHz SAW Filter
logo
TriQuint Semiconductor
855659 TRIQUINT-855659_15 Datasheet
423Kb / 5P
   110.592 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0197A TAI-SAW-TB0197A Datasheet
171Kb / 4P
   IF SAW Filter 110.592 MHz
logo
API Technologies Corp
SF0111BA02639S APITECH-SF0111BA02639S Datasheet
175Kb / 4P
   110.592 MHz SAW Filter 1.44 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0603A TAI-SAW-TB0603A Datasheet
277Kb / 7P
   IF SAW Filter 110.592 MHz (SMD 7.0mmX5.0mm)
TB1369A TAI-SAW-TB1369A Datasheet
402Kb / 7P
   110.592 MHz 300kHz BW SMD 13.3 x 6.5 mm SAW IF Filter
logo
TriQuint Semiconductor
855659 TRIQUINT-855659 Datasheet
60Kb / 1P
   110.592 Low-Loss Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com