Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1088A Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF1088A
Description  170.6 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1088A Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF1088A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SF1088A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©2001 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1088A-121504
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
170.600
MHz
Passband
Insertion Loss at fc
IL
8.0
dB
1 dB Passband
1, 2
±90
kHz
Amplitude Ripple over fc±90 kHz
1.0
dBP-P
Group Delay Variation over fc ±190 kHz
GDV
<500
1000
nsP-P
Rejection
fc-0.6 to fc-0.4 and fc+0.4 to fc+0.6 MHz
1, 2, 3
13
15
dB
fc-0.8 to fc-0.6 and fc+0.6 to fc+0.8 MHz
27
35
fc-1.6 to fc-0.8 and fc+0.8 to fc+1.6 MHz
40
45
fc-3.0 to fc-1.6 and fc+1.6 to fc+3.0 MHz
43
55
fc-5.8 to fc-3.0 and fc+3.0 to fc+5.8 MHz
47
55
fc-35 to fc-5.8 and fc+5.8 to fc+35 MHz
50
55
fc-75 to fc-35 and fc+35 to 75 MHz
45
55
DC to fc-75 and fc+75 to fc+1000 MHz
40
Operating Temperature Range
TA
1
-10
+85
°C
SMP-75
Designed for GSM BTS Receiver IF Applications
Low Insertion Loss
Excellent Size-to-Performance Ratio
Hermetic SMP-75 Surface-Mount Case
Unbalanced Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Suitable for lead-free soldering - Max. Soldering Profile
260°C for 30 s
170.6 MHz
SAW Filter
SF1088A
Notes:
1.
Unless noted otherwise, all specifications apply over the operating temperature range
with filter soldered to the specified demonstration board with impedance matching to 50 W
and measured with 50
Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center
frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband.
Rejection in final user application is dependent on PCB layout and external impedance
matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E"
indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However,
impedances and impedance matching may vary between Port 1 and Port 2, so that the fil-
ter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
Electrostatic Sensitive Device. Observe precautions for handling.
Connection
Terminals
Port 1 Hot
10
Port 1 Gnd Return
1
Port 2 Hot
5
Port 2 Gnd Return
6
Case Ground
All others
Electrical Connections
Impedance Matching to 50
Ω unbalanced
External L-C
Case Style
SMP-75 19 x 6.5 mm Nominal Footprint
Lid Symbolization (YY = year, WW = week)
RFM SF1088A YYWW
Pb


Similar Part No. - SF1088A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1088A RFM-SF1088A Datasheet
162Kb / 8P
   170.6 MHz SAW Filter
More results

Similar Description - SF1088A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1134A RFM-SF1134A Datasheet
33Kb / 1P
   170.6 MHz SAW Filter
logo
TriQuint Semiconductor
856447 TRIQUINT-856447_15 Datasheet
378Kb / 5P
   170.6 MHz SAW Filter
855756 TRIQUINT-855756_15 Datasheet
587Kb / 5P
   170.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF1088A RFM-SF1088A Datasheet
162Kb / 8P
   170.6 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com