Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48860 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM48860
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48860 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48860 Datasheet HTML 7Page - Texas Instruments LM48860 Datasheet HTML 8Page - Texas Instruments LM48860 Datasheet HTML 9Page - Texas Instruments LM48860 Datasheet HTML 10Page - Texas Instruments LM48860 Datasheet HTML 11Page - Texas Instruments LM48860 Datasheet HTML 12Page - Texas Instruments LM48860 Datasheet HTML 13Page - Texas Instruments LM48860 Datasheet HTML 14Page - Texas Instruments LM48860 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
400
0
30
40
50
60
70
80
0
50
100
150
200
250
300
350
20
10
OUTPUT POWER/CHANNEL (mW)
700
0
120
0
200
300
400
500
600
20
40
60
80
100
100
OUTPUT POWER/CHANNEL (mW)
OUTPUT POWER/CHANNEL (mW)
300
0
70
0
100
150
200
250
50
10
20
30
40
50
60
OUTPUT POWER/ CHANNEL (mW)
200
0
70
0
25
50
75
100
125
150
175
10
20
30
40
50
60
SUPPLY VOLTAGE (V)
0
120
2.0
3.0
3.5
4.0
4.5
5.0
5.5
20
40
60
80
100
THD+N = 10%
THD+N = 1%
2.5
SUPPLY VOLTAGE (V)
0
70
2.0
3.0
3.5
4.0
4.5
5.0
5.5
20
30
40
50
60
10
2.5
THD+N = 10%
THD+N = 1%
LM48860
www.ti.com
SNAS398C – JANUARY 2008 – REVISED OCTOBER 2008
Typical Performance Characteristics (continued)
Output Power
Output Power
vs
vs
Supply Voltage
Supply Voltage
RL = 16Ω, f = 1kHz, 22kHz BW
RL = 32Ω, f = 1kHz, 22kHz BW
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 3V, RL = 16Ω, f = 1kHz
VDD = 3V, RL = 32Ω, f = 1kHz
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 5V, RL = 16Ω, f = 1kHz
VDD = 5V, RL = 32Ω, f = 1kHz
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48860


Similar Part No. - LM48860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48860TL NSC-LM48860TL Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860TL/NOPB TI1-LM48860TL/NOPB Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
LM48860TLX/NOPB TI1-LM48860TLX/NOPB Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results

Similar Description - LM48860

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
Texas Instruments
LM48860 TI1-LM48860 Datasheet
1,017Kb / 21P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4926 NSC-LM4926 Datasheet
1Mb / 22P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4922 NSC-LM4922 Datasheet
1Mb / 21P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
LM4920 NSC-LM4920 Datasheet
1Mb / 17P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com