Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1212XT-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A1212XT-1WR2
Description  UNREGULATED DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1212XT-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A1212XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1212XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1212XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1212XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1212XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_XT-1WR2
2013.12.17-A/0
Page 2 of5
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope curve
Line Regulation
For Vin change of
±1%
--
--
±1.2
%
Load Regulation
10% to 100% load
5VDC output
--
12
--
%
9VDC output
--
8
--
12VDC output
--
7
--
15VDC output
--
6
--
24VDC output
--
5
--
Temperature coefficient
100% load
--
--
±0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
--
60
--
mVp-p
Short Circuit Protection
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, tested for 1 minute and leakage
current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Input-Output, test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output,,100KHz/0.1V
--
20
--
pF
Switching Frequency
Full load, nominal input
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Case Material
Epoxy Resin (UL94-V0)
Weight
--
1.8
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating(
≥100℃, see Figure 2)
-40
--
105
°C
Storage Temperature
-55
--
125
Case Temperature rise
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
RE
CISPR22/EN55022
CLASS B(Recommended Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±6KV
perf. CriteriaB
EMC RECOMMENDED CIRCUIT
EMI Typical Recommended Circuit(CLASSB):
Vin
GND
+Vo
EUT
LOAD
LDM
C0
Vin
GND
-Vo
(Figure1)
Recommended typical circuit parameters:
Vin(V)
3.3/5/12/24
EMI
C0
4.7
µF /50V
LDM
6.8
µH


Similar Part No. - A1212XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1212XT-1WR2 MORNSUN-A1212XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
More results

Similar Description - A1212XT-1WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
DS3-XX3.3D RSG-DS3-XX3.3D Datasheet
60Kb / 1P
   Dual output unregulated DC/DC converters 1W
logo
PEAK electronics GmbH
P6LU PEAK-P6LU Datasheet
248Kb / 2P
   4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P10LU-0505Z PEAK-P10LU-0505Z Datasheet
233Kb / 2P
   3KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6LU-053R3Z PEAK-P6LU-053R3Z Datasheet
235Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7
P6DU-0505Z PEAK-P6DU-0505Z Datasheet
261Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
logo
RSG Electronic Componen...
DS3-XX05D RSG-DS3-XX05D Datasheet
63Kb / 1P
   Dual output unregulated DC/DC converters 2W
logo
PEAK electronics GmbH
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P6MU-053R3Z PEAK-P6MU-053R3Z Datasheet
255Kb / 2P
   3KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14
logo
Mean Well Enterprises C...
DET01 MEANWELL-DET01_09 Datasheet
233Kb / 1P
   1W DC-DC Unregulated Dual Output Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com