Electronic Components Datasheet Search |
|
LME49740 Datasheet(PDF) 4 Page - Texas Instruments |
|
LME49740 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 24 page LME49740 SNAS377A – FEBRUARY 2007 – REVISED FEBRUARY 2008 www.ti.com ELECTRICAL CHARACTERISTICS (1) (2) The following specifications apply for VS = ±15V, RL = 2kΩ, fIN = 1kHz, and TA = 25C, unless otherwise specified. LME49740 Units Symbol Parameter Conditions (Limits) Typical(3) Limit(4)(5) AV = 1, VOUT = 3VRMS % (max) THD+N Total Harmonic Distortion + Noise RL = 2kΩ 0.00003 % (max) RL = 600Ω 0.00003 0.00009 AV = 1, VOUT = 3VRMS IMD Intermodulation Distortion 0.00005 % (max) Two-tone, 60Hz & 7kHz 4:1 GBWP Gain Bandwidth Product 55 45 MHz (min) SR Slew Rate ±20 ±15 V/ μs (min) VOUT = 1VP-P, –3dB FPBW Full Power Bandwidth referenced to output magnitude 10 MHz at f = 1kHz AV = 1, 10V step, CL = 100pF ts Settling time 0.1% error range 1.2 μs Equivalent Input Noise Voltage fBW = 20Hz to 20kHz 0.34 0.65 μVRMS en f = 1kHz 2.7 4.7 nV/ √Hz Equivalent Input Noise Density f = 10Hz 6.4 nV/ √Hz f = 1kHz 1.6 pA/ √Hz in Current Noise Density f = 10Hz 3.1 pA/ √Hz VOS Offset Voltage ±0.1 ±0.7 mV (max) Average Input Offset Voltage Drift vs ΔVOS/ΔTemp 40°C ≤ TA ≤ 85°C 0.2 μV/°C Temperature Average Input Offset Voltage Shift vs PSRR ΔVS = 20V (6) 120 110 dB (min) Power Supply Voltage fIN = 1kHz 118 dB ISOCH-CH Channel-to-Channel Isolation fIN = 20kHz 112 dB IB Input Bias Current VCM = 0V 10 72 nA (max) Input Bias Current Drift vs ΔIOS/ΔTemp –40°C ≤ TA ≤ 85°C 0.1 nA/°C Temperature IOS Input Offset Current VCM = 0V 11 65 nA (max) +14.1 (V+)–2.0 V (min) VIN-CM Common-Mode Input Voltage Range –13.9 (V-)+2.0 V (min) CMRR Common-Mode Rejection –10V<VCM<10V 120 110 dB (min) Differential Input Impedance 30 k Ω ZIN Common Mode Input Impedance –10V<VCM<10V 1000 M Ω –10V<VOUT<10V, RL = 600Ω 140 dB (min) AVOL Open Loop Voltage Gain –10V<VOUT<10V, RL = 2kΩ 140 dB (min) –10V<VOUT<10V, RL = 10kΩ 140 125 dB (min) RL = 600Ω ±13.6 ±12.5 V (min) VOUTMAX Maximum Output Voltage Swing RL = 2kΩ ±14.0 V (min) RL = 10kΩ ±14.1 V (min) IOUT Output Current RL = 600Ω, VS = ±17V ±26 ±23 mA (min) +30 mA IOUT-CC Short Circuit Current –38 mA fIN = 10kHz ROUT Output Impedance Closed-Loop 0.01 Ω Open-Loop 13 Ω (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. (2) Operating Ratings indicate conditions for which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (3) Typical specifications are specified at +25ºC and represent the most likely parametric norm. (4) Tested limits are specified to National's AOQL (Average Outgoing Quality Level). (5) Datasheet min/max specification limits are specified by design, test, or statistical analysis. (6) PSRR is measured as follows: VOS is measured at two supply voltages, ±5V and ±15V. PSRR = |20log(ΔVOS/ΔVS)|. 4 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Links: LME49740 |
Similar Part No. - LME49740_14 |
|
Similar Description - LME49740_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |