Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-D03D Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # FC-D03D
Description  FC-C01D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-D03D Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  FC-D03D Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-D03D Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-D03D Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-D03D Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. FC-D03D Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. FC-D03D Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
FC-D/E03D
2013.05.06-A/0
Page 4 of 6
Power supply front-end without FC-E03D Horizontal (left), Vertical(right)
Power supply front-end with FC-E03D Horizontal (left), Vertical(right) RE meet CISPR22/EN 55022 Class B
Note: Above result was tested on VRB4812LD-50W.
PRODUCT TYPICAL CURVE
120
100
80
60
40
20
0
-40
0
40
100
80
120
60
FC-D03D
FC-E03D
Ambient Temp.()
Safe Operating Area
Temperature D erating Graph
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
18 20 22 24 26 28 30 32 34 36
Input Voltage(VAC)
FC-D03D
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
36 40 44 48 52 56 60 65 70 75
Input Voltage(VAC)
FC-E03D


Similar Part No. - FC-D03D

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
FC-101 BEL-FC-101 Datasheet
47Kb / 1P
   Fuse Clips
FC-101-22 BEL-FC-101-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
FC-102 BEL-FC-102 Datasheet
47Kb / 1P
   Fuse Clips
FC-102-22 BEL-FC-102-22 Datasheet
974Kb / 2P
   For 6.3mm Dia
logo
Gamewell-FCI by Honeywe...
FC-10C GAMEWELL-FCI-FC-10C Datasheet
53Kb / 2P
   Ten zone control communicator
More results

Similar Description - FC-D03D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300013-5 PASTERNACK-PE300013-5 Datasheet
251Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX MULTIMODE
PE300418-2 PASTERNACK-PE300418-2 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC
PE300013 PASTERNACK-PE300013 Datasheet
251Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX MULTIMODE
PE300012-3 PASTERNACK-PE300012-3 Datasheet
253Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX, SINGLE MODE
PE300013-1 PASTERNACK-PE300013-1 Datasheet
280Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX MULTI MODE
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
   FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE300019 PASTERNACK-PE300019 Datasheet
256Kb / 1P
   CABLE ASSEMBLY FC TO FC DUPLEX MULTI MODE
PE300012-1 PASTERNACK-PE300012-1 Datasheet
253Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE300012-5 PASTERNACK-PE300012-5 Datasheet
253Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE300013-3 PASTERNACK-PE300013-3 Datasheet
251Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX MULTI MODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com