Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49860MABD Datasheet(PDF) 9 Page - Texas Instruments

Part # LME49860MABD
Description  44V Dual High Performance, High Fidelity Audio Operational Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49860MABD Datasheet(HTML) 9 Page - Texas Instruments

Back Button LME49860MABD Datasheet HTML 5Page - Texas Instruments LME49860MABD Datasheet HTML 6Page - Texas Instruments LME49860MABD Datasheet HTML 7Page - Texas Instruments LME49860MABD Datasheet HTML 8Page - Texas Instruments LME49860MABD Datasheet HTML 9Page - Texas Instruments LME49860MABD Datasheet HTML 10Page - Texas Instruments LME49860MABD Datasheet HTML 11Page - Texas Instruments LME49860MABD Datasheet HTML 12Page - Texas Instruments LME49860MABD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
20
100
1k
10k 20k
0.00001
0.0001
0.001
0.01
Hz
0.00002
0.0002
0.002
0.00005
0.0005
0.005
50
200
2k
500
5k
LME49860, LME49860MABD, LME49860NABD
www.ti.com
SNAS389B – JUNE 2007 – REVISED JUNE 2007
Typical Performance Characteristics (continued)
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 15V, VEE = –15V, VOUT = 3VRMS
VCC = 12V, VEE = –12V, VOUT = 3VRMS
RL = 2kΩ
RL = 2kΩ
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 22V, VEE = –22V, VOUT = 3VRMS
VCC = 15V, VEE = –15V, VOUT = 3VRMS
RL = 2kΩ
RL = 600Ω
THD+N
THD+N
vs
vs
Frequency
Frequency
VCC = 12V, VEE = –12V, VOUT = 3VRMS
VCC = 22V, VEE = –22V, VOUT = 3VRMS
RL = 600Ω
RL = 600Ω
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LME49860 LME49860MABD LME49860NABD


Similar Part No. - LME49860MABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49860MA/NOPB TI1-LME49860MA/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49860MAX/NOPB TI1-LME49860MAX/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49860MABD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49860 TI1-LME49860 Datasheet
1Mb / 37P
[Old version datasheet]   LME49860 44V Dual High Performance, High Fidelity Audio Operational Amplifier
LME49870 TI1-LME49870 Datasheet
985Kb / 35P
[Old version datasheet]   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49870 NSC-LME49870 Datasheet
957Kb / 34P
   44V Single High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49720 TI-LME49720 Datasheet
1Mb / 36P
[Old version datasheet]   LME49720 Dual High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com