Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC4392 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4392
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4392 Datasheet(HTML) 5 Page - Texas Instruments

  SRC4392 Datasheet HTML 1Page - Texas Instruments SRC4392 Datasheet HTML 2Page - Texas Instruments SRC4392 Datasheet HTML 3Page - Texas Instruments SRC4392 Datasheet HTML 4Page - Texas Instruments SRC4392 Datasheet HTML 5Page - Texas Instruments SRC4392 Datasheet HTML 6Page - Texas Instruments SRC4392 Datasheet HTML 7Page - Texas Instruments SRC4392 Datasheet HTML 8Page - Texas Instruments SRC4392 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
SRC4392
www.ti.com
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion + Noise (THD+N)(2)
BW = 22Hz to fSOUT/2,
f = 997Hz at 0dBFS
fSIN:fSOUT = 12kHz:192kHz
–137
dB
fSIN:fSOUT = 44.1kHz:44.1kHz
–140
dB
fSIN:fSOUT = 44.1kHz:48kHz
–140
dB
fSIN:fSOUT = 44.1kHz:96kHz
–140
dB
fSIN:fSOUT = 44.1kHz:192kHz
–137
dB
fSIN:fSOUT = 48kHz:44.1kHz
–140
dB
fSIN:fSOUT = 48kHz:48kHz
–140
dB
fSIN:fSOUT = 48kHz:96kHz
–140
dB
fSIN:fSOUT = 48kHz:192kHz
–137
dB
fSIN:fSOUT = 96kHz:44.1kHz
–141
dB
fSIN:fSOUT = 96kHz:48kHz
–141
dB
fSIN:fSOUT = 96kHz:96kHz
–140
dB
fSIN:fSOUT = 96kHz:192kHz
–137
dB
fSIN:fSOUT = 192kHz:12kHz
–140
dB
fSIN:fSOUT = 192kHz:44.1kHz
–141
dB
fSIN:fSOUT = 192kHz:48kHz
–141
dB
fSIN:fSOUT = 192kHz:96kHz
–141
dB
fSIN:fSOUT = 192kHz:192kHz
–137
dB
Digital Interpolation Filter Characteristics
Passband
0.4535 × fSIN
Hz
Passband Ripple
±0.007
dB
Transition Band
0.4535 × fSIN
0.5465 × fSIN
Hz
Stop Band
0.5465 × fSIN
Hz
Stop Band Attenuation
–144
dB
Group Delay (64 samples pre-buffered)
Decimation filter enabled
102.53125/fSIN
Seconds
Group Delay (64 samples pre-buffered)
Direct down-sampling enabled
102/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Decimation filter enabled
70.53125/fSIN
Seconds
Group Delay (32 samples pre-buffered)
Direct down-sampling enabled
70/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Decimation filter enabled
54.53125/fSIN
Seconds
Group Delay (16 samples pre-buffered)
Direct down-sampling enabled
54/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Decimation filter enabled
46.53125/fSIN
Seconds
Group Delay (8 samples pre-buffered)
Direct down-sampling enabled
46/fSIN
Seconds
Digital Decimation Filter Characteristics
Passband
0.4535 × fSOUT
Hz
Passband Ripple
±0.008
dB
Transition Band
0.4535 × fSOUT
0.5465 × fSOUT
Hz
Stop Band
0.5465 × fSOUT
Hz
Stop Band Attenuation
–143
dB
Group Delay
Decimation filter enabled
36.46875/fSOUT
Seconds
Group Delay
Direct down-sampling enabled
0
Seconds
Digital De-Emphasis Filter Characteristics
Filter Error for All Settings
De-emphasis filter enabled
0.001
dB
(2)
Measured with an Audio Precision SYS-2722 192kHz test system with the input and output sampling frequencies asynchronous to one
another.
Copyright © 2005–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SRC4392


Similar Part No. - SRC4392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFB BURR-BROWN-SRC4392IPFB Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBG4 BURR-BROWN-SRC4392IPFBG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBR BURR-BROWN-SRC4392IPFBR Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBRG4 BURR-BROWN-SRC4392IPFBRG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com