Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5614LA Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614LA Datasheet(HTML) 5 Page - Texas Instruments

  TAS5614LA_14 Datasheet HTML 1Page - Texas Instruments TAS5614LA_14 Datasheet HTML 2Page - Texas Instruments TAS5614LA_14 Datasheet HTML 3Page - Texas Instruments TAS5614LA_14 Datasheet HTML 4Page - Texas Instruments TAS5614LA_14 Datasheet HTML 5Page - Texas Instruments TAS5614LA_14 Datasheet HTML 6Page - Texas Instruments TAS5614LA_14 Datasheet HTML 7Page - Texas Instruments TAS5614LA_14 Datasheet HTML 8Page - Texas Instruments TAS5614LA_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TAS5614LA
www.ti.com
SLAS846 – MAY 2012
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
TYP
MAX
UNIT
ROC
Over-current programming resistor
Resistor tolerance = 5%
24
33
k
Ω
ROC_LATCHED
Over-current programming resistor
Resistor tolerance = 5%
47
62
68
k
Ω
TJ
Junction temperature
0
125
°C
MODE SELECTION PINS
MODE PINS
PWM Input(1)
Output Configuration
Input A
Input B
Input C
Input D
MODE
M3
M2
M1
0
0
0
2N + 1
2 x BTL
PWMa
PWMb
PWMc
PWMd
AD Mode
0
0
1
1N + 1(2)
2 x BTL
PWMa
Unused
PWMc
Unused
AD Mode
0
1
0
2N + 1
2 x BTL
PWMa
PWMb
PWMc
PWMd
BD Mode
0
1
1
1N + 1(2)
1 x BTL + 2 x SE
PWMa
Unused
PWMc
PWMd
AD Mode
1
0
0
2N + 1
1 x PBTL
PWMa
PWMb
0
0
AD Mode
1
0
0
1N + 1(2)
1 x PBTL
PWMa
Unused
0
1
AD Mode
1
0
0
2N + 1
1 x PBTL
PWMa
PWMb
1
0
BD Mode
1
0
1
1N + 1
4 x SE(3)
PWMa
PWMb
PWMc
PWMd
AD Mode
(1)
The 1N and 2N naming convention is used to indicate the number of PWM lines to the power stage per channel in a specific mode.
(2)
Using 1N interface in BTL and PBTL mode results in increased DC offset on the output terminals.
(3)
The 4xSE mode can be used as 1xBTL + 2xSE configuration by feeding a 2N PWM signal to either INPUT_AB or INPUT_CD for
improved DC offset accuracy
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5614LA


Similar Part No. - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com