Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5711 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5711
Description  20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5711_14 Datasheet HTML 2Page - Texas Instruments TAS5711_14 Datasheet HTML 3Page - Texas Instruments TAS5711_14 Datasheet HTML 4Page - Texas Instruments TAS5711_14 Datasheet HTML 5Page - Texas Instruments TAS5711_14 Datasheet HTML 6Page - Texas Instruments TAS5711_14 Datasheet HTML 7Page - Texas Instruments TAS5711_14 Datasheet HTML 8Page - Texas Instruments TAS5711_14 Datasheet HTML 9Page - Texas Instruments TAS5711_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
SSTIMER
OC_ADJ
PLL_FLTP
VR_ANA
PBTL
AVSS
PLL_FLTM
BST_A
GVDD_OUT
PVDD_A
OUT_A
RESET
PVDD_A
STEST
DVDD
DVSS
GND
VREG
PVDD_D
BST_D
OUT_D
AGND
PVDD_D
GVDD_OUT
P0075-08
PHP Package
(TopView)
TAS5711
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19 20 21 22 23 24
25
26
27
28
29
30
31
32
48 47 46 45 44 43 42 41 40 39 38 37
36
35
34
33
TAS5711
SLOS600A – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENT
PIN FUNCTIONS
PIN
5-V
TYPE(1)
TERMINATION(2)
DESCRIPTION
TOLERANT
NAME
NO.
AGND
30
P
Analog ground for power stage
A_SEL
14
DIO
A value of 0 (15-k
Ω pulldown) makes the I2C device address 0x34,
and a value of 1 (15-k
Ω pullup) makes it 0x36. This pin can be
programmed after RESET to be an output by writing 1 to bit 0 of I2C
register 0x05. In that mode, the A_SEL pin is redefined as FAULT
(see ERROR REPORTING for details).
AVDD
13
P
3.3-V analog power supply
AVSS
9
P
Analog 3.3-V supply ground
BST_A
4
P
High-side bootstrap supply for half-bridge A
BST_B
43
P
High-side bootstrap supply for half-bridge B
BST_C
42
P
High-side bootstrap supply for half-bridge C
BST_D
33
P
High-side bootstrap supply for half-bridge D
DVDD
27
P
3.3-V digital power supply
DVSSO
17
P
Oscillator ground
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
(2)
All pullups are weak pullups and all pulldowns are weak pulldowns. The pullups and pulldowns are included to assure proper input logic
levels if the pins are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input).
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5711


Similar Part No. - TAS5711_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5711PHP TI-TAS5711PHP Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711PHPR TI-TAS5711PHPR Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
More results

Similar Description - TAS5711_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com