Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5711 Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5711
Description  20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5711 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5711_14 Datasheet HTML 6Page - Texas Instruments TAS5711_14 Datasheet HTML 7Page - Texas Instruments TAS5711_14 Datasheet HTML 8Page - Texas Instruments TAS5711_14 Datasheet HTML 9Page - Texas Instruments TAS5711_14 Datasheet HTML 10Page - Texas Instruments TAS5711_14 Datasheet HTML 11Page - Texas Instruments TAS5711_14 Datasheet HTML 12Page - Texas Instruments TAS5711_14 Datasheet HTML 13Page - Texas Instruments TAS5711_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
TAS5711
SLOS600A – DECEMBER 2009 – REVISED AUGUST 2010
www.ti.com
AC Characteristics (BTL)
PVDD_x = 18 V, BTL AD mode, FS = 48 KHz, RL = 8 Ω, ROCP = 22 KΩ, CBST = 33 nF, audio frequency = 1 kHz, AES17 filter,
fPWM = 384 kHz, TA = 25°C (unless otherwise specified). All performance is in accordance with recommended operating
conditions (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 18 V, 10% THD, 1-kHz input signal
21
PVDD = 18 V, 7% THD, 1-kHz input signal
20
PVDD = 12 V, 10% THD, 1-kHz input signal
9.5
PVDD = 12 V, 7% THD, 1-kHz input signal
9
PVDD = 8 V, 10% THD, 1-kHz input signal
4.1
PVDD = 8 V, 7% THD, 1-kHz input signal
3.9
PBTL mode, PVDD = 12 V, RL = 4 Ω,
19.2
10% THD, 1-kHz input signal
PBTL mode, PVDD = 12 V, RL = 4 Ω,
18
7% THD, 1-kHz input signal
PO
Power output per channel
W
PBTL mode, PVDD = 18 V, RL = 4 Ω,
42.8
10% THD, 1-kHz input signal
PBTL mode, PVDD = 18 V, RL = 4 Ω,
40
7% THD, 1-kHz input signal
SE mode, PVDD = 12 V, RL = 4 Ω,
4.6
10% THD, 1-kHz input signal
SE mode, PVDD = 12 V, RL = 4 Ω,
4.3
7% THD, 1-kHz input signal
SE mode, PVDD = 24 V, RL = 4 Ω,
17.8
10% THD, 1-kHz input signal
SE mode, PVDD = 24 V, RL = 4 Ω,
16
7% THD, 1-kHz input signal
PVDD = 18 V, PO = 1 W
0.06%
THD+N
Total harmonic distortion + noise
PVDD = 12 V, PO = 1 W
0.08%
PVDD = 8 V, PO = 1 W
0.2%
Vn
Output integrated noise (rms)
A-weighted
44
mV
PO = 0.25 W, f = 1 kHz (BD Mode)
–82
dB
Crosstalk
PO = 0.25 W, f = 1 kHz (AD Mode)
–69
dB
A-weighted, f = 1 kHz, maximum power at
SNR
Signal-to-noise ratio(1)
106
dB
THD < 1%
(1)
SNR is calculated relative to 0-dBFS input level.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5711


Similar Part No. - TAS5711_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5711PHP TI-TAS5711PHP Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5711PHPR TI-TAS5711PHPR Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
More results

Similar Description - TAS5711_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5711 TI-TAS5711 Datasheet
1Mb / 64P
[Old version datasheet]   20-W DIGITAL AUDIO-POWER AMPLIFIER WITH EQ, DRC, AND 2.1 MODE
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5706BPAPR TI1-TAS5706BPAPR Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A_0812 TI-TAS5706A_0812 Datasheet
1Mb / 65P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
TAS5706A TI-TAS5706A Datasheet
1Mb / 63P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com