Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF1N105K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF1N105K3
Description  N-channel 1050 V, 8 廓 typ., 1.4 A SuperMESH3??Power MOSFET in TO-220FP, TO-3PF and TO-220 packages
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF1N105K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STF1N105K3 Datasheet HTML 1Page - STMicroelectronics STF1N105K3 Datasheet HTML 2Page - STMicroelectronics STF1N105K3 Datasheet HTML 3Page - STMicroelectronics STF1N105K3 Datasheet HTML 4Page - STMicroelectronics STF1N105K3 Datasheet HTML 5Page - STMicroelectronics STF1N105K3 Datasheet HTML 6Page - STMicroelectronics STF1N105K3 Datasheet HTML 7Page - STMicroelectronics STF1N105K3 Datasheet HTML 8Page - STMicroelectronics STF1N105K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STF1N105K3, STFW1N105K3, STP1N105K3
Electrical characteristics
Doc ID 023509 Rev 2
5/18
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
t
d(on)
t
r
t
d(off)
t
f
Turn-on delay time
Rise time
Turn-off delay time
Fall time
V
DD
= 525 V, I
D
= 0.6 A,
R
G
=4.7
Ω, V
GS
=10 V
(see Figure 20)
-
6
7
27
50
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
I
SDM
Source-drain current
Source-drain current (pulsed)
-
1.4
5.6
mA
A
V
SD
(1)
1.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 1.2 A, V
GS
=0
-
1.5
V
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 1.2 A, V
DD
= 60 V
di/dt = 100 A/μs,
(see Figure 19)
-
244
1
9
ns
μC
A
t
rr
Q
rr
I
RRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
I
SD
= 1.2 A,V
DD
= 60 V
di/dt=100 A/μs,
Tj=25 °C
(see Figure 19)
-
330
1.3
8
ns
μC
A


Similar Part No. - STF1N105K3

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
STF1006 SUPERWORLD-STF1006 Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006102YZF SUPERWORLD-STF1006102YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006121YZF SUPERWORLD-STF1006121YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006202YZF SUPERWORLD-STF1006202YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
STF1006251YZF SUPERWORLD-STF1006251YZF Datasheet
639Kb / 6P
   COMMON MODE CHOKE
More results

Similar Description - STF1N105K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
   N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STB10N65K3 STMICROELECTRONICS-STB10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
logo
STATEK CORPORATION
STP6N62K3 STATEK-STP6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3??Power MOSFET in TO-220FP, I짼PAKFP, I짼PAK, TO-220, IPAK packages
logo
STMicroelectronics
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com