Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V10E175P Datasheet(PDF) 8 Page - Littelfuse

Part # V10E175P
Description  UltraMOV??Varistor Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V10E175P Datasheet(HTML) 8 Page - Littelfuse

Back Button V10E175P Datasheet HTML 3Page - Littelfuse V10E175P Datasheet HTML 4Page - Littelfuse V10E175P Datasheet HTML 5Page - Littelfuse V10E175P Datasheet HTML 6Page - Littelfuse V10E175P Datasheet HTML 7Page - Littelfuse V10E175P Datasheet HTML 8Page - Littelfuse V10E175P Datasheet HTML 9Page - Littelfuse V10E175P Datasheet HTML 10Page - Littelfuse V10E175P Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Product Dimensions (mm)
Dimension
V
RMS
Voltage
Model
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
130-320
-
12 (0.472)
-
16 (0.630)
-
20 (0.787)
-
26.5 (1.043)
385-625
-
13 (0.512)
-
17 (0.689)
-
20.5 (0.807)
-
28 (1.102)
ØD
All
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e (Note 2)
All
4 (0.157)
6 (0.236)
6.5 (0.256)
8.5 (0.335)
6.5 (0.256)
8.5 (0.335)
9 (0.354)
11 (0.433)
e
1 (Note 3)
130-320
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
1.5 (0.059)
3.5 (0.138)
385-625
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
2.5 (0.098)
5.5 (0.217)
E
130-320
-
5.6 (0.220)
-
5.6 (0.220)
-
5.6 (0.220)
-
5.6 (0.220)
385-510
-
7.3 (0.287)
-
7.3 (0.287)
-
7.3 (0.287)
-
7.3 (0.287)
550-625
-
8.3 (0.327)
-
8.3 (0.327)
-
8.3 (0.327)
-
-8.3 (0.327)
Ø b
All
0.585
(0.023)
0.685
(0.027)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
0.86 (0.034)
0.76 (0.030)
(Note 2)
0.86 (0.034)
(Note 2)
A
TRIM
All
-
15 (0.591)
-
19.5 (0.768)
-
22.5 (0.886)
-
29.0 (1.142)
L (L2)
All
25.4 (1.00)
-
25.4 (1.00)
-
25.4 (1.00)
-
25.4 (1.00)
-
*L (L4)
All
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
2.41 (0.095)
4.69 (0.185)
NOTES:
1. Measurements displayed in Millimeters (Inches in parentheses).
2. Standard lead space.
3. For in-line lead option L3, dimension e
1 is “zero”
. Straight lead form option L1 shown.
Lead form options L1 and L3
(refer to table below)
*Seating plane interpretation per IEC-717
(not available on tape or ammo pack)
*SEATING
PLANE
A
TRIM
Lead form options L2 and L4
(refer to table below)
L
TRIM
For information about bulk packaging quantities, please refer to the Ordering Notes section at the end of this document.


Similar Part No. - V10E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V10E175P LITTELFUSE-V10E175P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   Radial Lead Varistors
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V10E175P LITTELFUSE-V10E175P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V10E175P LITTELFUSE-V10E175P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V10E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E130L3T LITTELFUSE-V07E130L3T Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com