Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14E420P Datasheet(PDF) 2 Page - Littelfuse

Part # V14E420P
Description  UltraMOV??Varistor Series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14E420P Datasheet(HTML) 2 Page - Littelfuse

  V14E420P Datasheet HTML 1Page - Littelfuse V14E420P Datasheet HTML 2Page - Littelfuse V14E420P Datasheet HTML 3Page - Littelfuse V14E420P Datasheet HTML 4Page - Littelfuse V14E420P Datasheet HTML 5Page - Littelfuse V14E420P Datasheet HTML 6Page - Littelfuse V14E420P Datasheet HTML 7Page - Littelfuse V14E420P Datasheet HTML 8Page - Littelfuse V14E420P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
UltraMOV™ Series Ratings & Specifications
Part Number
Branding
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage
at 1mA DC Test
Current
Maximum
Clamping
Voltage
8 x 20μs
Typical
Capacitance
RMS
Volts
DC
Volts
Energy
2ms
Peak Current
8 x 20μs
V
M(AC)
V
M(DC)
W
TM
I
TM
1 x Pulse
I
TM
2 x Pulse
V
NOM
Min
V
NOM
Max
V
C
I
PK
f = 1MHz
(V)
(V)
(J)
(A)
(A)
(V)
(V)
(V)
(A)
(pF)
V07E130P
P7V130
130
170
12.5
1750
1200
184
226
340
10
180
V10E130P
P10V130
130
170
25
3500
2500
184
226
340
25
450
V14E130P
P14V130
130
170
50
6000
4500
184
226
340
50
1000
V20E130P
P20V130
130
170
100
10000
6500
184
226
340
100
1900
V07E140P
P7V140
140
180
13.5
1750
1200
200
240
360
10
160
V10E140P
P10V140
140
180
27.5
3500
2500
200
240
360
25
400
V14E140P
P14V140
140
180
55
6000
4500
200
240
360
50
900
V20E140P
P20V140
140
180
110
10000
6500
200
240
360
100
1750
V07E150P
P7V150
150
200
15
1750
1200
216
264
395
10
150
V10E150P
P10V150
150
200
30
3500
2500
216
264
395
25
360
V14E150P
P14V150
150
200
60
6000
4500
216
264
395
50
800
V20E150P
P20V150
150
200
120
10000
6500
216
264
395
100
1600
V07E175P
P7V175
175
225
17
1750
1200
243
297
455
10
130
V10E175P
P10V175
175
225
35
3500
2500
243
297
455
25
350
V14E175P
P14V175
175
225
70
6000
4500
243
297
455
50
700
V20E175P
P20V175
175
225
135
10000
6500
243
297
455
100
1400
V07E230P
P7V230
230
300
20
1750
1200
324
396
595
10
100
V10E230P
P10V230
230
300
42
3500
2500
324
396
595
25
250
V14E230P
P14V230
230
300
80
6000
4500
324
396
595
50
550
V20E230P
P20V230
230
300
160
10000
6500
324
396
595
100
1100
V07E250P
P7V250
250
320
25
1750
1200
351
429
650
10
90
V10E250P
P10V250
250
320
50
3500
2500
351
429
650
25
220
V14E250P
P14V250
250
320
100
6000
4500
351
429
650
50
500
V20E250P
P20V250
250
320
170
10000
6500
351
429
650
100
1000
V07E275P
P7V275
275
350
28
1750
1200
387
473
710
10
80
V10E275P
P10V275
275
350
55
3500
2500
387
473
710
25
200
V14E275P
P14V275
275
350
110
6000
4500
387
473
710
50
450
V20E275P
P20V275
275
350
190
10000
6500
387
473
710
100
900
V07E300P
P7V300
300
385
30
1750
1200
423
517
775
10
70
V10E300P
P10V300
300
385
60
3500
2500
423
517
775
25
180
V14E300P
P14V300
300
385
125
6000
4500
423
517
775
50
400
V20E300P
P20V300
300
385
250
10000
6500
423
517
775
100
800
V07E320P
P7V320
320
420
32
1750
1200
459
561
840
10
65
V10E320P
P10V320
320
420
67
3500
2500
459
561
840
25
170
V14E320P
P14V320
320
420
136
6000
4500
459
561
840
50
380
V20E320P
P20V320
320
420
273
10000
6500
459
561
840
100
750
V07E385P
P7V385
385
505
36
1750
1200
558
682
1025
10
60
V10E385P
P10V385
385
505
75
3500
2500
558
682
1025
25
160
V14E385P
P14V385
385
505
150
6000
4500
558
682
1025
50
360
V20E385P
P20V385
385
505
300
10000
6500
558
682
1025
100
700
V07E420P
P7V420
420
560
40
1750
1200
612
748
1120
10
55
V10E420P
P10V420
420
560
80
3500
2500
612
748
1120
25
140
V14E420P
P14V420
420
560
160
6000
4500
612
748
1120
50
300
V20E420P
P20V420
420
560
320
10000
6500
612
748
1120
100
600
V07E440P
P7V440
440
585
44
1750
1200
643
787
1180
10
50
V10E440P
P10V440
440
585
85
3500
2500
643
787
1180
25
130
V14E440P
P14V440
440
585
170
6000
4500
643
787
1180
50
260
V20E440P
P20V440
440
585
340
10000
6500
643
787
1180
100
500


Similar Part No. - V14E420P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E420P LITTELFUSE-V14E420P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V14E420P LITTELFUSE-V14E420P Datasheet
784Kb / 11P
   Radial Lead Varistors
V14E420P LITTELFUSE-V14E420P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V14E420P LITTELFUSE-V14E420P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V14E420P LITTELFUSE-V14E420P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V14E420P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E130L3T LITTELFUSE-V07E130L3T Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com