Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4995RKTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4995RKTR
Description  5V, 500mA low drop voltage regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995RKTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4995RKTR Datasheet HTML 2Page - STMicroelectronics L4995RKTR Datasheet HTML 3Page - STMicroelectronics L4995RKTR Datasheet HTML 4Page - STMicroelectronics L4995RKTR Datasheet HTML 5Page - STMicroelectronics L4995RKTR Datasheet HTML 6Page - STMicroelectronics L4995RKTR Datasheet HTML 7Page - STMicroelectronics L4995RKTR Datasheet HTML 8Page - STMicroelectronics L4995RKTR Datasheet HTML 9Page - STMicroelectronics L4995RKTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Block diagrams and pins descriptions
L4995
6/35
Doc ID 13103 Rev 14
Figure 3.
Block diagram of L4995R
Table 2.
Pins descriptions
Pin
name
PowerSSO-12
pin #
PowerSSO-24
pin #
Function
En
1
13, 14, 15
Enable input (L4995 and L4996A only, otherwise not
connected).
If high regulator, watchdog and reset are operating. If
low regulator, watchdog and reset are shutdown.
Connect to Vs if not used.
NC
2, 4, 8
3, 5, 6, 9, 11
Not connected.
GND
3
16, 17, 18
Ground reference.
-
TAB
TAB, 1, 12
Substrate of the chip: connect the pins or the TAB to
GND.
Res
5
19, 20, 21
Reset output.
It is pulled down when output voltage goes below Vo_th
or frequency at Wi is too low. Leave floating if not used.
Vcr
6
22, 23, 24
Reset timing adjust.
A capacitor between Vcr pin and GND. Sets the reset
delay time (trd). Leave floating if Reset is not used.
Vcw
72
Watchdog timer adjust (L4995 only, otherwise not
connected).
A capacitor between Vcw pin and GND. Sets the time
response of the watchdog monitor.


Similar Part No. - L4995RKTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
More results

Similar Description - L4995RKTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
logo
IK Semicon Co., Ltd
ILE4266-2 IKSEMICON-ILE4266-2_11 Datasheet
115Kb / 5P
   5V/10 V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
   Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com