Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK120M11R Datasheet(PDF) 8 Page - STMicroelectronics

Part # LDK120M11R
Description  200 mA low quiescent current very low noise LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120M11R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LDK120M11R Datasheet HTML 4Page - STMicroelectronics LDK120M11R Datasheet HTML 5Page - STMicroelectronics LDK120M11R Datasheet HTML 6Page - STMicroelectronics LDK120M11R Datasheet HTML 7Page - STMicroelectronics LDK120M11R Datasheet HTML 8Page - STMicroelectronics LDK120M11R Datasheet HTML 9Page - STMicroelectronics LDK120M11R Datasheet HTML 10Page - STMicroelectronics LDK120M11R Datasheet HTML 11Page - STMicroelectronics LDK120M11R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Electrical characteristics
LDK120
8/24
DocID023965 Rev 5
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 1 mA, VEN = VIN, unless
otherwise specified.
Table 5. Electrical characteristics for LDK120 (adjustable version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.9
5.5
V
VADJ
VADJ accuracy
IOUT=1 mA, TJ=25 °C
784
800
816
mV
IOUT=1 mA, -40 °C<TJ<125 °C
-3.0
3.0
%
ΔVOUT
Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V, IOUT=1 mA
0.05
%/V
ΔVOUT
Static load regulation
IOUT=1 mA to 200 mA
0.006
%/mA
VDROP
Dropout voltage (1)
IOUT=100 mA, VOUT=2.5 V
100
mV
IOUT = 200 mA, VOUT=2.5 V
40 °C<TJ<125 °C,
150
300
eN
Output noise voltage
10 Hz to 100 kHz, IOUT=10 mA
VOUT=VADJ
115
µVRMS
IADJ
Adjust pin current
1
µA
SVR
Supply voltage
rejection
VIN=VOUTNOM+0.5 V+/-VRIPPLE
VRIPPLE=0.1 V Freq.=120 Hz to 10
kHz IOUT=10 mA
55
dB
IQ
Quiescent current
IOUT=0 mA, -40 °C<TJ<125 °C
30
60
µA
IOUT=200 mA, -40 °C<TJ<125 °C
50
100
VIN input current in OFF mode:
VEN=GND
1
ISC
Short-circuit current
RL=0
400
mA
VEN
Enable input logic low
VIN=1.9 V to 5.5 V, -40 °C<TJ<125 °C
0.4
V
Enable input logic high
VIN=1.9 V to 5.5 V, -40 °C<TJ<125 °C
1.2
IEN
Enable pin input current VSHDN=VIN
100
nA
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see Section 6: Typical
performance characteristics)
122
µF
1.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.


Similar Part No. - LDK120M11R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
More results

Similar Description - LDK120M11R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
   200 mA low quiescent current and low noise LDO
October 2016 Rev 4
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707 Datasheet
897Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707_15 Datasheet
857Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com