Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDK120C31R Datasheet(PDF) 10 Page - STMicroelectronics

Part # LDK120C31R
Description  200 mA low quiescent current very low noise LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120C31R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LDK120C31R Datasheet HTML 6Page - STMicroelectronics LDK120C31R Datasheet HTML 7Page - STMicroelectronics LDK120C31R Datasheet HTML 8Page - STMicroelectronics LDK120C31R Datasheet HTML 9Page - STMicroelectronics LDK120C31R Datasheet HTML 10Page - STMicroelectronics LDK120C31R Datasheet HTML 11Page - STMicroelectronics LDK120C31R Datasheet HTML 12Page - STMicroelectronics LDK120C31R Datasheet HTML 13Page - STMicroelectronics LDK120C31R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical performance characteristics
LDK120
10/24
DocID023965 Rev 5
Figure 12. Load regulation vs. temp. for
adjustable version
Figure 13. Load regulation vs. temp. for fixed
version
Figure 14. Enable pin thresholds vs. temp.
(VIN = 1.9 V)
Figure 15. Enable pin thresholds vs. temp.
Figure 16. Quiescent current vs. temp. for
adjustable version (IO = 0 mA)
Figure 17. Quiescent current vs. temp. for
adjustable version (IO = 200 mA)
AM16202v1
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
VIN = 1.9 V, IOUT from 1 mA to 200 mA
AM16203v1
0
0.002
0.004
0.006
0.008
0.01
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V IN = 4 V, I OUT from 1 mA to 200 mA
AM16204v1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V, I OUT = 1 mA
Low
High
AM16205v1
V
IN = 5.5 V, I OUT = 1 mA
0.000
0.200
0.400
0.600
0.800
1.000
1.200
1.400
1.600
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
Low
High
AM16206v1
V
IN = 1.9 V, I OUT = 0 mA
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Temperature [ °C]
AM16207v1
0
20
40
60
80
100
120
140
160
180
200
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
V
IN = 1.9 V, I OUT = 200 mA


Similar Part No. - LDK120C31R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120C31R STMICROELECTRONICS-LDK120C31R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
More results

Similar Description - LDK120C31R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
   200 mA low quiescent current and low noise LDO
October 2016 Rev 4
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707 Datasheet
897Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707_15 Datasheet
857Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com