Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF2203-0R05J1 Datasheet(PDF) 2 Page - Riedon Powertron

Part # PF2203-0R05J1
Description  TO-220 Power Thin Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

PF2203-0R05J1 Datasheet(HTML) 2 Page - Riedon Powertron

  PF2203-0R05J1 Datasheet HTML 1Page - Riedon Powertron PF2203-0R05J1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
07/13
SPECIFICATIONS (continued)
Specification
Value
Maximum Current
25A
Temperature Range
-55°C to +155°C : PF2202, PF2203, PF2205
-55°C to +120°C : PF2201
Dielectric Strength
2000 VAC
Max. Operating Voltage
*
P R ( 500V MAX )
Insulation Resistance
>1000 Meg-Ohm
Inductance
<10nH ( At the Standoff )
Environmental Performance
D
R
Test Conditions
Load Life
±1% + 0.05W
25°C, 90 min ON, 30 min OFF, 1000 hr
Humidity Resistance
±1% + 0.05W
40°C, 90-95% RH, DC 0.1W, 1000 hr
Temperature Cycle
±0.25% + 0.05W
-55°C for 30 min, +155°C for 30 min, 1000 hr
Solder Heat
±0.1% + 0.05W
+350°C, 3s
Vibration
±0.25% + 0.05W
IEC60068-2-6
Mounting Notes -
The PF2200 Series Thin Film Resistors must be attached to
a suitable heatsink. Mount resistor using thermal grease to a
clean, flat surface. Use a compression washer to provide 150 to
300 pounds ( 665 to 1330N ) of mounting force. Torque mount-
ing screw to 8 in-lbs ( 0.9 N-m ).
Mounting tab is isolated from both pins.
PF2200 Series
TO-220 Power Thin Film Resistors
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
Backplate Temperature (°C)
Power Derating Curve
PF2201
All Others
Power Rating Notes -
The PF2200 Series Thin Film Resistors must be attached to a
suitable heatsink. Without a heatsink the maximum power rating
is 1W ( 1/2W for the PF2201 ). The maximum internal resistor
temperature is 155°C ( 120°C for the PF2201 ).
To specify an appropriate heatsink use the following formula :
Where: R
q
H = Thermal Resistance of Heatsink ( °C/W )
R
q
R = Thermal Resistance of Resistor ( °C/W )
T
MAX = Maximum Temperature of Resistor ( °C )
T
A = Ambient Temperature of Heatsink ( °C )
P = Power Through Resistor ( W )
( *
)
R
P
T
P R
T
H
MAX
R
A
=
-
-
H
H


Similar Part No. - PF2203-0R05J1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
More results

Similar Description - PF2203-0R05J1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF2200 RIEDON-PF2200_13 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2203-100RF1 RIEDON-PF2203-100RF1 Datasheet
218Kb / 2P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_15 Datasheet
258Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-5R6F1 RIEDON-PF2205-5R6F1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-200RF1 RIEDON-PF2203-200RF1 Datasheet
201Kb / 3P
   TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2205-0R05J1 RIEDON-PF2205-0R05J1 Datasheet
189Kb / 3P
   TO-220 Power Thin Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
   TO-220 Power Film Resistors
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
   TO-220 Power Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com