Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12C170 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12C170
Description  12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12C170 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC12C170 Datasheet HTML 2Page - Texas Instruments ADC12C170 Datasheet HTML 3Page - Texas Instruments ADC12C170 Datasheet HTML 4Page - Texas Instruments ADC12C170 Datasheet HTML 5Page - Texas Instruments ADC12C170 Datasheet HTML 6Page - Texas Instruments ADC12C170 Datasheet HTML 7Page - Texas Instruments ADC12C170 Datasheet HTML 8Page - Texas Instruments ADC12C170 Datasheet HTML 9Page - Texas Instruments ADC12C170 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC12C170
SNAS374D – DECEMBER 2006 – REVISED APRIL 2009
www.ti.com
Converter Electrical Characteristics
Unless otherwise specified, the following specifications apply: VIN = -1dBFS, AGND = DGND = DRGND = 0V, VA = VD =
+3.3V, VDR = +1.8V, Internal VREF = +1.0V, fCLK = 170 MHz, VCM = VRM, CL = 5 pF/pin, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA =
25°C
(1) (2) (3)
Typical
Units
Symbol
Parameter
Conditions
Limits
(4)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
2.95
LSB (max)
INL
Integral Non Linearity (5)
Full Scale Input
±0.85
-3.29
LSB (min)
1.3
LSB (max)
DNL
Differential Non Linearity
Full Scale Input
±0.54
-0.92
LSB (min)
3.38
%FS (max)
PGE
Positive Gain Error
+0.85
-2.10
%FS (min)
3.00
%FS (max)
NGE
Negative Gain Error
-0.31
-3.57
%FS (min)
TC GE
Gain Error Tempco
−40°C ≤ TA ≤ +85°C
+8.0
ppm/°C
0.89
%FS (max)
VOFF
Offset Error (VIN+ = VIN−)
−0.13
-1.14
%FS (min)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
+0.5
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
VCM
Common Mode Input Voltage
1.5
V
Reference Ladder Midpoint Output
VRM
Output load = 1 mA
1.5
V
Voltage
(CLK LOW)
6
pF
VIN Input Capacitance (each pin to GND)
VIN = 1.5 Vdc ± 0.5
CIN
(6)
V
(CLK HIGH)
9
pF
VREF
Reference Voltage (7)
1.00
V
Reference Input Resistance
9
k
Ω
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 4 under Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes above
2.6V or below GND as described in the Operating Ratings section.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 12-Bit LSB is 488.3 µV.
(4)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(5)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through
positive and negative full-scale.
(6)
The input capacitance is the sum of the package/pin capacitance and the sample and hold circuit capacitance.
(7)
Optimum performance will be obtained by keeping the reference input in the 0.9V to 1.1V range. The LM4051CIM3-ADJ (SOT-23
package) is recommended for external reference applications.
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Links: ADC12C170


Similar Part No. - ADC12C170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12C170 NSC-ADC12C170 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12C170CISQ NSC-ADC12C170CISQ Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170CISQ NSC-ADC12C170CISQ Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results

Similar Description - ADC12C170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12C170 NSC-ADC12C170 Datasheet
488Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC11C170 NSC-ADC11C170 Datasheet
420Kb / 22P
   11-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11C125 NSC-ADC11C125 Datasheet
489Kb / 24P
   11-Bit, 125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com