Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12DC080 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC12DC080
Description  Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC080 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC12DC080 Datasheet HTML 7Page - Texas Instruments ADC12DC080 Datasheet HTML 8Page - Texas Instruments ADC12DC080 Datasheet HTML 9Page - Texas Instruments ADC12DC080 Datasheet HTML 10Page - Texas Instruments ADC12DC080 Datasheet HTML 11Page - Texas Instruments ADC12DC080 Datasheet HTML 12Page - Texas Instruments ADC12DC080 Datasheet HTML 13Page - Texas Instruments ADC12DC080 Datasheet HTML 14Page - Texas Instruments ADC12DC080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
tf
tr
tOD
Clock N
Clock N + 7
Sample N + 7
tAD
Sample N + 6
Sample N
Sample N + 8
Sample N + 9
Sample N + 10
CLK
VINA
DA0 - DA11
tCL
tCH
Data N + 2
Data N - 1
90%
10%
90%
10%
1
FCLK
Latency ( tCONV )
Data N + 1
DB0 - DB11
VINB
DRDY
tSU
tH
Data N
ADC12DC080
www.ti.com
SNAS405B – SEPTEMBER 2007 – REVISED NOVEMBER 2008
SIGNAL TO NOISE RATIO (SNR) is the ratio, expressed in dB, of the rms value of the input signal to the rms
value of the sum of all other spectral components below one-half the sampling frequency, not including
harmonics or DC.
SIGNAL TO NOISE PLUS DISTORTION (S/N+D or SINAD) Is the ratio, expressed in dB, of the rms value of the
input signal to the rms value of all of the other spectral components below half the clock frequency, including
harmonics but excluding d.c.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the rms values of the
input signal and the peak spurious signal, where a spurious signal is any signal present in the output spectrum
that is not present at the input.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dB, of the rms total of the first six harmonic
levels at the output to the level of the fundamental at the output. THD is calculated as:
(3)
where f1 is the RMS power of the fundamental (output) frequency and f2 through f7 are the RMS power of the first
6 harmonic frequencies in the output spectrum.
SECOND HARMONIC DISTORTION (2ND HARM) is the difference expressed in dB, between the RMS power in
the input frequency at the output and the power in its 2nd harmonic level at the output.
THIRD HARMONIC DISTORTION (3RD HARM) is the difference, expressed in dB, between the RMS power in
the input frequency at the output and the power in its 3rd harmonic level at the output.
Timing Diagrams
Figure 1. Output Timing
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12DC080


Similar Part No. - ADC12DC080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DC080CISQ NSC-ADC12DC080CISQ Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
More results

Similar Description - ADC12DC080

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_14 Datasheet
570Kb / 24P
[Old version datasheet]   Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
   Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
[Old version datasheet]   80 MSPS A/D Converter with CMOS Outputs
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
[Old version datasheet]   ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com